Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912F634CV2AP Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 51Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 52Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 53Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 54Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 55Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 56Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 57Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 58Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 335 page
background image
Functional Description and Application Information
Modes of Operation
MM912F634
Freescale Semiconductor
55
4.3
Modes of Operation
The MM912F634 analog die offers three main operating modes: Normal (Run), Stop, and Sleep. In Normal mode, the device is
active and is operating under normal application conditions. In Stop mode, the voltage regulator operates with limited current
capability, the external load is expected to be reduced while in Stop mode. In Sleep mode both voltage regulators are turned off
(VDD =VDDX =0V).
Wake-up from Stop mode is indicated by an interrupt signal. Wake-up from Sleep mode will change the MM912F634 analog die
into reset mode while the voltage regulator is turned back on.
The selection of the different modes is controlled by the Mode Control Register (MCR).
Figure 16 describes how transitions are done between the different operating modes.
Figure 16. Modes of Operation and Transitions
4.3.1
Power Down Mode
For the device power (VS1) below VPOR, the MM912F634 analog die is virtually in Power Down mode. Once VS1>VPOR, the
MM912F634 analog die will enter Reset mode with the condition “Power On Reset - POR”.
4.3.2
Reset Mode
The MM912F634 analog die enters Reset mode if a reset condition occurs (POR - Power On Reset, LVR- Low Voltage Reset,
Low Voltage VDDX Reset - LVRX, WDR - Watchdog Reset, EXR - External Reset, and WUR - Wake-up Sleep Reset).
Power
Down
Reset
Normal
Mode
Stop
Mode
Sleep
Mode
Power Up
(POR = 1)
VDD High and Reset
Delay (tRST) expired
Wake Up
Wake Up
External or
Internal Reset
Power Down
(VSUP<VPOR)
WatchDog Time-Out1,
External or Internal Reset
Stop
Command
Sleep
Command
1) Initial WD to be served within tWDTO to enable Window WD
VDD Low and VSUV = 0
and Delay (tVTO) expired
Power Down
(VSUP<VPOR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com