Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912F634CV2AP Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 4Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 5Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 6Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 9Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 10Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 11Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 335 page
background image
Pin Assignment
MM912F634 Pin Description
MM912F634
Freescale Semiconductor
8
31
L0
High Voltage Input 0
This pins is the High Voltage Input 0 with the following shared functions:
• L0 - Digital High Voltage Input 0. When used as digital input, a series resistor
(RLx) must be used to protect against automotive transients.(4)
• AD3 - Analog Input 3 with selectable divider for 0…5.0 V and 0…18 V
measurement range.
• WU0 - Selectable Wake-up input 0 for wake up and cyclic sense during low
power mode.
See Section 4.16, “High Voltage Inputs - Lx"
32
L1
High Voltage Input 1
This pins is the High Voltage Input 1 with the following shared functions:
• L1 - Digital High Voltage Input 1. When used as digital input, a series resistor
(RLx) must be used to protect against automotive transients.(4)
• AD4 - Analog Input 4 with selectable divider for 0…5.0 V and 0…18 V
measurement range.
• WU1 - Selectable Wake-up input 1 for wake-up and cyclic sense during low
power mode.
See Section 4.16, “High Voltage Inputs - Lx"
33
L2
High Voltage Input 2
This pins is the High Voltage Input 2 with the following shared functions:
• L2 - Digital High Voltage Input 2. When used as digital input, a series resistor
(RLx) must be used to protect against automotive transients.(4)
• AD5 - Analog Input 5 with selectable divider for 0…5.0 V and 0…18 V
measurement range.
• WU2 - Selectable Wake-up input 2 for wake-up and cyclic sense during low
power mode.
See Section 4.16, “High Voltage Inputs - Lx".
34
L3
High Voltage Input 3
This pins is the High Voltage Input 3 with the following shared functions:
• L3 - Digital High Voltage Input 3. When used as digital input, a series resistor
(RLx) must be used to protect against automotive transients.(4)
• AD6 - Analog Input 6 with selectable divider for 0…5.0 V and 0…18 V
measurement range.
• WU3 - Selectable Wake-up input 3 for wake-up and cyclic sense during low
power mode.
See Section 4.16, “High Voltage Inputs - Lx".
35
L4
High Voltage Input 4
This pins is the High Voltage Input 4 with the following shared functions:
• L4 - Digital High Voltage Input 4. When used as digital input, a series resistor
(RLx) must be used to protect against automotive transients.(4)
• AD7 - Analog Input 7 with selectable divider for 0…5.0 V and 0…18 V
measurement range.
• WU4 - Selectable Wake-up input 4 for wake-up and cyclic sense during low
power mode.
See Section 4.16, “High Voltage Inputs - Lx". Note: This pin function is not available
on all device configurations.
36
L5
High Voltage Input 5
This pins is the High Voltage Input 5 with the following shared functions:
• L5 - Digital High Voltage Input 5. When used as digital input, a series resistor
(RLx) must be used to protect against automotive transients.(4)
• AD8 - Analog Input 8 with selectable divider for 0…5.0 V and 0…18 V
measurement range.
• WU5 - Selectable Wake-up input 5 for wake-up and cyclic sense during low
power mode.
See Section 4.16, “High Voltage Inputs - Lx". Note: This pin function is not available
on all device configurations.
37
LS1
Low Side Output 1
Low Side output 1 used to drive small inductive loads like relays. The output is
short-circuit protected, includes active clamp circuitry and can be also controlled by
the PWM module.
See Section 4.12, “Low Side Drivers - LSx"
38
PGND
Power Ground Pin
This pin is the device Low Side Ground connection. DGND, LGND and AGND are
internally connected to PGND via a back to back diode.
Table 3. MM912F634 Pin Description (continued)
Pin #
Pin Name
Formal Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com