Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912F634CV2AP Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 77Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 78Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 79Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 80Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 81Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 82Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 83Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 84Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 335 page
background image
Functional Description and Application Information
High Side Drivers - HS
MM912F634
Freescale Semiconductor
81
4.11.7
Register Definition
4.11.7.1
High Side Control Register (HSCR)
Table 97. High Side Control Register (HSCR)
Offset(74) 0x28
Access: User read/write
76
543
210
R
HSOTIE
HSHVSDE
PWMCS2
PWMCS1
PWMHS2
PWMHS1
HS2
HS1
W
Reset
0
000
00
00
Note:
74. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 98. HSCR - Register Field Descriptions
Field
Description
7 - HSOTIE
High Side Over-temperature Interrupt Enable
6 - HSHVSDE High Side High Voltage Shutdown. Once enabled, both high sides will shut down when a high voltage condition - HVC is
present. See Section 4.4, “Power Supply" for the Voltage Status Register.
5 - PWMCS2
PWM Channel Select HS2
0 - PWM Channel 0 selected as PWM Channel
1 - PWM Channel 1 selected as PWM Channel
4 - PWMCS1
PWM Channel Select HS1
0 - PWM Channel 0 selected as PWM Channel
1 - PWM Channel 1 selected as PWM Channel
3 - PWMHS2
PWM Enable for HS2
0 - PWM disabled on HS2
1 - PWM enabled on HS2 (Channel as selected with PWMCS2)
2 - PWMHS1
PWM Enable for HS1
0 - PWM disabled on HS1
1 - PWM enabled on HS1 (Channel as selected with PWMCS1)
1 - HS2
HS2 Control
0 - HS2 disabled
1 - HS2 enabled
0 - HS1
HS2 Control
0 - HS1 disabled
1 - HS1 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com