Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912F634CV2AP Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 14Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 15Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 16Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 17Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 18Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 19Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 20Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 21Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 335 page
background image
Electrical Characteristics
Static Electrical Characteristics
MM912F634
Freescale Semiconductor
18
Table 21. Static Electrical Characteristics - Analog Digital Converter - ADC(16)
Ratings
Symbol
Min
Typ
Max
Unit
ADC2p5 Reference Voltage
5.5 V < VSUP < 27 V
VADC2p5RUN
2,45
2.5
2,55
V
ADC2p5 Reference Stop Mode Output Voltage
VADC2p5STO
P
-
-
100
mV
Line Regulation, Normal Mode
LRRUNA
-
10
12.5
mV
External Capacitor
CADC2p5
0.1
-
1.0
µF
External Capacitor ESR
CVDD_R
--
10
Ohm
Scale Factor Error
ESCALE
-1
-
1
LSB
Differential Linearity Error
EDNL
-1.5
-
1.5
LSB
Integral Linearity Error
EINL
-1.5
-
1.5
LSB
Zero Offset Error
EOFF
-2.0
-
2.0
LSB
Quantization Error
EQ
-0.5
-
0.5
LSB
Total Error with offset compensation
TE
-5.0
-
5.0
LSB
Bandgap measurement Channel (CH14) Valid Result Range
(including
±7.0% bg1p25 sleep accuracy + high-impedance measurement
error of
±5.0% at fADC)(17)
ADCH14
1.11.251.4
V
Note:
16. No external load allowed on the ADC2p5 pin.
17. Reduced ADC frequency will lower measurement error.
Table 22. Static Electrical Characteristics - Current Sense Module - ISENSE
Ratings
Symbol
Min
Typ
Max
Unit
Gain
CSGS (Current Sense Gain Select) = 000
CSGS (Current Sense Gain Select) = 001
CSGS (Current Sense Gain Select) = 010
CSGS (Current Sense Gain Select) = 011
CSGS (Current Sense Gain Select) = 100
CSGS (Current Sense Gain Select) = 101
CSGS (Current Sense Gain Select) = 110
CSGS (Current Sense Gain Select) = 111
G
-
-
-
-
-
-
-
-
7.0
9.0
10
12
14
18
24
36
-
-
-
-
-
-
-
-
Gain Accuracy
-3.0
-
3.0
%
Offset
-1.5
-
1.5
%
Resolution(18)
RES
-
51
-
mA/LSB
ISENSEH, ISENSEL Input Common Mode Voltage Range
VIN
-0.2
-
3.0
V
Current Sense Module - Normal Mode Current Consumption Adder (CSE = 1)
IISENSE
-
600
-
µA
Note:
18. RES = 2.44 mV/(GAIN*RSHUNT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com