Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP65R46
Description  3 uA Comparator with Integrated Reference Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP65R46 Datasheet HTML 18Page - Microchip Technology MCP65R46 Datasheet HTML 19Page - Microchip Technology MCP65R46 Datasheet HTML 20Page - Microchip Technology MCP65R46 Datasheet HTML 21Page - Microchip Technology MCP65R46 Datasheet HTML 22Page - Microchip Technology MCP65R46 Datasheet HTML 23Page - Microchip Technology MCP65R46 Datasheet HTML 24Page - Microchip Technology MCP65R46 Datasheet HTML 25Page - Microchip Technology MCP65R46 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MCP65R41/6
DS22269A-page 22
 2010 Microchip Technology Inc.
It is also possible to connect the diodes to the left of the
resistors R1 and R2. In this case, the currents through
the diodes D1 and D2 need to be limited by some other
mechanism. The resistor then serves as an in-rush cur-
rent limiter; the DC current into the input pins (VIN+ and
VIN–) should be very small.
A significant amount of current can flow out of the
inputs when the Common mode voltage (VCM) is below
ground (VSS); see Figure 4-3. The applications that are
high impedance may need to limit the usable voltage
range.
4.1.3
PHASE REVERSAL
The MCP65R41/6 comparator family uses CMOS tran-
sistors at the input. They are designed to prevent
phase inversion when the input pins exceed the supply
voltages. Figure 2-3 shows an input voltage exceeding
both supplies with no resulting phase inversion.
4.2
Push-Pull Output
The push-pull output is designed to be compatible with
CMOS and TTL logic, while the output transistors are
configured to give a rail-to-rail output performance.
They are driven with circuitry that minimizes any
switching current (shoot-through current from supply-
to-supply) when the output is transitioned from high-to-
low, or from low-to-high (see Figures 2-18 and 2-19 for
more information).
4.3
Externally Set Hysteresis
A greater flexibility in selecting the hysteresis (or the
input trip points) is achieved by using external resistors.
Hysteresis reduces output chattering when one input is
slowly moving past the other. It also helps in systems
where it is best not to cycle between high and low
states too frequently (e.g., air conditioner thermostatic
control). Output chatter also increases the dynamic
supply current.
4.3.1
NON-INVERTING CIRCUIT
Figure 4-4 shows a non-inverting circuit for single-
supply applications using just two resistors. The
resulting hysteresis diagram is shown in Figure 4-5.
FIGURE 4-4:
Non-inverting Circuit with
Hysteresis for Single-Supply.
FIGURE 4-5:
Hysteresis Diagram for the
Non-Inverting Circuit.
The trip points for Figures 4-4 and 4-5 are:
EXAMPLE 4-1:
VREF
VIN
VOUT
VDD
R1
RF
+
-
VPU
RPU*
VREF
* Pull-up resistor required for the MCP65R46 only.
VOUT
High-to-Low
Low-to-High
VDD
VOH
VOL
VSS
VSS
VDD
VTHL VTLH
VIN
V
TLH
V
REF
1
R
1
R
F
-------
+



V
OL
R
1
R
F
-------



–
=
V
THL
V
REF
1
R
1
R
F
-------
+



V
OH
R
1
R
F
-------



–
=
Where:
VTLH = trip voltage from low to high
VTHL = trip voltage from high to low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com