Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP65R46
Description  3 uA Comparator with Integrated Reference Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP65R46 Datasheet HTML 11Page - Microchip Technology MCP65R46 Datasheet HTML 12Page - Microchip Technology MCP65R46 Datasheet HTML 13Page - Microchip Technology MCP65R46 Datasheet HTML 14Page - Microchip Technology MCP65R46 Datasheet HTML 15Page - Microchip Technology MCP65R46 Datasheet HTML 16Page - Microchip Technology MCP65R46 Datasheet HTML 17Page - Microchip Technology MCP65R46 Datasheet HTML 18Page - Microchip Technology MCP65R46 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2010 Microchip Technology Inc.
DS22269A-page 15
MCP65R41/6
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 k to VDD/2 (MCP65R41 only), RPull-Up = 2.74 k to VDD/2 (MCP65R46 only) and CL = 50 pF.
FIGURE 2-49:
Input Offset Current and
Input Bias Current vs. Temperature.
FIGURE 2-50:
Input Offset Current and
Input Bias Current vs. Common-Mode Input
Voltage vs. Temperature.
FIGURE 2-51:
Input Bias Current vs.
Input Voltage vs. Temperature.
FIGURE 2-52:
Power Supply Rejection
Ratio.
FIGURE 2-53:
VREF vs. VDD.
FIGURE 2-54:
VREF vs. VDD.
0.01
0.1
1
10
100
1000
25
50
75
100
125
Temperature (°C)
IB
|IOS|
0.01
0.1
1
10
100
1000
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VCM (V)
IB @ TA = +125°C
IB @ TA = +85°C
|IOS| @ TA = +125°C
|IOS| @ TA = +85°C
VDD = 5.5V
1E+00
1E+01
1E+02
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
-0.8
-0.6
-0.4
-0.2
Input Voltage (V)
TA= -40°C
TA= +125°C
TA= +25°C
TA= +85°C
10p
100p
10n
100n
100µ
1m
10m
10µ
1µ
1n
1p
0%
5%
10%
15%
20%
25%
30%
-500
-250
0
250
500
PSRR (µV/V)
VCM = VSS
Avg. = -127.9 µV/V
StDev = 99.88 µV/V
3588 units
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
TA = -40°C
TA = +125°C
TA = +85°C
TA = +25°C
IREF = 0A
2.35
2.37
2.39
2.41
2.43
2.45
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
TA = -40°C
TA = +125°C
TA = +85°C
TA = +25°C
IREF = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com