Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP65R46
Description  3 uA Comparator with Integrated Reference Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP65R46 Datasheet HTML 20Page - Microchip Technology MCP65R46 Datasheet HTML 21Page - Microchip Technology MCP65R46 Datasheet HTML 22Page - Microchip Technology MCP65R46 Datasheet HTML 23Page - Microchip Technology MCP65R46 Datasheet HTML 24Page - Microchip Technology MCP65R46 Datasheet HTML 25Page - Microchip Technology MCP65R46 Datasheet HTML 26Page - Microchip Technology MCP65R46 Datasheet HTML 27Page - Microchip Technology MCP65R46 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
MCP65R41/6
DS22269A-page 24
 2010 Microchip Technology Inc.
4.6
PCB Surface Leakage
In applications where the low input bias current is
critical, the Printed Circuit Board (PCB) surface
leakage effects need to be considered. Surface
leakage is caused by humidity, dust or other type of
contamination on the board. Under low humidity
conditions, a typical resistance between nearby traces
is 1012
. A 5V difference would cause 5 pA of current
to flow. This is greater than the MCP65R41/6 family’s
bias current at +25°C (1 pA, typical).
The easiest way to reduce the surface leakage is to use
a guard ring around the sensitive pins (or traces). The
guard ring is biased at the same voltage as the
sensitive pin. An example of this type of layout is shown
in
Figure 4-9.
FIGURE 4-9:
Example Guard Ring Layout
for Inverting Circuit.
1.
Inverting Configuration (Figures 4-6 and 4-9):
a)
Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the
comparator (e.g., VDD/2 or ground).
b)
Connect the inverting pin (VIN–) to the input
pad without touching the guard ring.
2.
Non-inverting Configuration (Figure 4-4):
a)
Connect the non-inverting pin (VIN+) to the
input pad without touching the guard ring.
b)
Connect the guard ring to the inverting input
pin (VIN–).
4.7
Typical Applications
4.7.1
PRECISE COMPARATOR
Some applications require a higher DC precision. An
easy way to solve this problem is to use an amplifier
(such as the MCP6041, a 600 nA low power and
14 kHz bandwidth op amp) to gain-up the input signal
before it reaches the comparator. Figure 4-10 shows
an example of this approach, which also level shifts to
VPU using the Open-Drain option, MCP65R46.
FIGURE 4-10:
Precise Inverting
Comparator.
4.7.2
BISTABLE MULTI-VIBRATOR
A simple bistable multi-vibrator design is shown in
Figure 4-11. VREF needs to be between ground and the
maximum comparator internal VREF of 2.4V to achieve
oscillation. The output duty cycle changes with VREF.
FIGURE 4-11:
Bistable Multi-Vibrator.
4.7.3
OVER TEMPERATURE
PROTECTION CIRCUIT
The MCP65R41 device can be used as an over
temperature protection circuit using a thermistor. The
2.4V VREF can be used as stable reference to the
thermistor, the alert threshold and hysteresis threshold.
This is ideal for battery powered applications, where
the
change
in
temperature
and
output
toggle
thresholds would remain fixed as battery voltage
decays over time.
FIGURE 4-12:
Over Temperature Alert
Circuit.
Guard Ring
VSS
IN-
IN+
VREF
VDD
VDD
R1
R2
VOUT
VIN
VREF
VPU
RPU
MCP65R46
MCP6041
VREF
VDD
R1
R2
R3
VREF
C1
VOUT
MCP65R41
VOUT
VDD
R2
RF
R3
VREF
VPU
RPU*
* Pull-up resistor required for the
MCP65R46 only.
R4
Thermistor
VREF
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com