Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP65R46
Description  3 uA Comparator with Integrated Reference Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP65R46 Datasheet HTML 19Page - Microchip Technology MCP65R46 Datasheet HTML 20Page - Microchip Technology MCP65R46 Datasheet HTML 21Page - Microchip Technology MCP65R46 Datasheet HTML 22Page - Microchip Technology MCP65R46 Datasheet HTML 23Page - Microchip Technology MCP65R46 Datasheet HTML 24Page - Microchip Technology MCP65R46 Datasheet HTML 25Page - Microchip Technology MCP65R46 Datasheet HTML 26Page - Microchip Technology MCP65R46 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
 2010 Microchip Technology Inc.
DS22269A-page 23
MCP65R41/6
4.3.2
INVERTING CIRCUIT
Figure 4-6 shows an inverting circuit for single-supply
using three resistors. The resulting hysteresis diagram
is shown in Figure 4-7.
FIGURE 4-6:
Inverting Circuit with
Hysteresis.
FIGURE 4-7:
Hysteresis Diagram for the
Inverting Circuit.
In order to determine the trip voltages (VTHL and VTLH)
for the circuit shown in Figure 4-6, R2 and R3 can be
simplified to the Thevenin equivalent circuit with
respect to VREF, as shown in Figure 4-8:
FIGURE 4-8:
Thevenin Equivalent Circuit.
By using this simplified circuit, the trip voltage can be
calculated using the following equation:
EQUATION 4-1:
Figures 2-23 and 2-26 can be used to determine the
typical values for VOH and VOL.
4.4
Bypass Capacitors
With this family of comparators, the power supply pin
(VDD for single supply) should have a local bypass
capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm for good
edge rate performance.
4.5
Capacitive Loads
4.5.1
OUT PIN
Reasonable capacitive loads (e.g., logic gates) have
little impact on the propagation delay (see Figure 2-34).
The supply current increases with the increasing toggle
frequency
(Figure 2-22),
especially
with
higher
capacitive loads. The output slew rate and propagation
delay performance will be reduced with higher capaci-
tive loads.
4.5.2
VREF PIN
The reference output is designed to interface to the
comparator input pins, either directly or with some
resistive network, such as voltage divider network, with
minimal capacitive load. The recommended capacitive
load is 200 pF (typical). Capacitive loads greater than
2000 pF may cause the VREF output to oscillate at
power up.
VIN
VOUT
VDD
R2
RF
R3
VREF
VPU
RPU*
* Pull-up resistor required for the MCP65R46 only.
VOUT
High-to-Low
Low-to-High
VDD
VOH
VOL
VSS
VSS
VDD
VTLH VTHL
VIN
V23
VOUT
VDD
R23
RF
+
-
VSS
VPU
RPU*
* Pull-up resistor required for the MCP65R46 only.
Where:
R
23
R
2R3
R
2
R
3
+
-------------------
=
V
23
R
3
R
2
R
3
+
-------------------V
REF
=
V
THL
V
OH
R
23
R
23
R
F
+
-----------------------



V
23
R
F
R
23
R
F
+
----------------------


+
=
V
TLH
V
OL
R
23
R
23
R
F
+
-----------------------



V
23
R
F
R
23
R
F
+
----------------------


+
=
Where:
VTLH = trip voltage from low to high
VTHL = trip voltage from high to low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com