Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP65R46
Description  3 uA Comparator with Integrated Reference Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP65R46 Datasheet HTML 10Page - Microchip Technology MCP65R46 Datasheet HTML 11Page - Microchip Technology MCP65R46 Datasheet HTML 12Page - Microchip Technology MCP65R46 Datasheet HTML 13Page - Microchip Technology MCP65R46 Datasheet HTML 14Page - Microchip Technology MCP65R46 Datasheet HTML 15Page - Microchip Technology MCP65R46 Datasheet HTML 16Page - Microchip Technology MCP65R46 Datasheet HTML 17Page - Microchip Technology MCP65R46 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MCP65R41/6
DS22269A-page 14
 2010 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 k to VDD/2 (MCP65R41 only), RPull-Up = 2.74 k to VDD/2 (MCP65R46 only) and CL = 50 pF.
FIGURE 2-43:
Propagation Delay Skew.
FIGURE 2-44:
Common-Mode Rejection
Ratio and Power Supply Rejection Ratio vs.
Temperature.
FIGURE 2-45:
Common-Mode Rejection
Ratio.
FIGURE 2-46:
Propagation Delay Skew.
FIGURE 2-47:
Common-Mode Rejection
Ratio and Power Supply Rejection Ratio vs.
Temperature.
FIGURE 2-48:
Common-Mode Rejection
Ratio.
0%
10%
20%
30%
40%
50%
60%
-1.0
-0.5
0.0
0.5
1.0
Prop. Delay Skew (µs)
VDD= 1.8V
Avg. = -0.36 µs
StDev = 0.07 µs
850 units
100 mV Over-Drive
VCM = VDD/2
VDD= 5.5V
Avg. = -0.21 µs
StDev = 0.07 µs
850 units
MCP65R41
50
55
60
65
70
75
80
85
90
-50
-25
0
25
50
75
100
125
Temperature (°C)
CMRR
PSRR
VCM = -0.3V to VDD + 0.3V
VDD = 5.5V
Input Referred
VCM = VSS
VDD = 1.8V to 5.5V
MCP65R41
0%
10%
20%
30%
40%
-5
-4
-3
-2
-1
0
1
2
3
4
5
CMRR (mV/V)
VDD = 1.8V
850 units
VCM = -0.3V to VDD/2
Avg. = 0.5 mV/V
StDev = 1.14 mV/V
VCM = VDD/2 to VDD+ 0.3V
Avg. = -0.02 mV/V
StDev = 0.54 mV/V
VCM = -0.3V to VDD + 0.2V
Avg. = 0.23 mV/V
StDev = 0.68 mV/V
0%
10%
20%
30%
40%
50%
60%
70%
80%
-3
-1.5
0
1.5
3
Prop. Delay Skew (ns)
100 mV Over-Drive
VCM = VDD/2
VDD = 1.8V
Avg. = 1.1 µs
StDev = 0.11 µs
850 units
VDD = 5.5V
Avg. = 1.81 µs
StDev = 0.14 µs
850 units
MCP65R46
50
55
60
65
70
75
80
85
90
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCM = -0.3V to VDD + 0.3V
VDD = 5.5V
Input Referred
VCM = VSS
VDD = 1.8V to 5.5V
MCP65R46
PSRR
CMRR
0%
10%
20%
30%
40%
-2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5
CMRR (mV/V)
VDD = 5.5V
850 units
VCM = -0.3V to VDD/2
Avg. = 0.05 mV/V
StDev = 0.46 mV/V
VCM = VDD/2 to VDD+ 0.3V
Avg. = 0.02 mV/V
StDev = 0.25 mV/V
VCM = -0.3V to VDD + 0.3V
Avg. = 0.03 mV/V
StDev = 0.3 mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com