Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP65R46
Description  3 uA Comparator with Integrated Reference Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46 Datasheet(HTML) 4 Page - Microchip Technology

  MCP65R46 Datasheet HTML 1Page - Microchip Technology MCP65R46 Datasheet HTML 2Page - Microchip Technology MCP65R46 Datasheet HTML 3Page - Microchip Technology MCP65R46 Datasheet HTML 4Page - Microchip Technology MCP65R46 Datasheet HTML 5Page - Microchip Technology MCP65R46 Datasheet HTML 6Page - Microchip Technology MCP65R46 Datasheet HTML 7Page - Microchip Technology MCP65R46 Datasheet HTML 8Page - Microchip Technology MCP65R46 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP65R41/6
DS22269A-page 4
 2010 Microchip Technology Inc.
Common Mode/
Differential Input Impedance
ZCM/ZDIFF
—1013||4
—
||pF
Push Pull Output
High Level Output Voltage
VOH
VDD0.2
—
—
V
IOUT = -2 mA, VDD = 5V
Low Level Output Voltage
VOL
——
VSS+0.2
V
IOUT = 2 mA, VDD = 5V
Short Circuit Current
ISC
—±50
—
mA
(Note 2) MCP65R41
ISC
—±1.5
—
mA
(Note 2) MCP65R46
Open Drain Output (MCP65R46)
Low Level Output Voltage
VOL
——
VSS+0.2
V
IOUT = 2 mA
Short Circuit Current
ISC
—±50
—
mA
High-Level Output Current
IOH
-100
—
—
nA
VPU= 10V
Pull-up Voltage
VPU
1.6
—
10
V
Note 3
Output Pin Capacitance
COUT
—8
—
pF
Reference Voltage Output
Initial Reference Tolerance
VTOL
-2
±1
+2
%
IREF = 0A,
VREF = 1.21V and 2.4V
VREF
1.185
1.21
1.234
V
IREF = 0A
2.352
2.4
2.448
V
Reference Output Current
IREF
—
±500
—
µA
VTOL = ±2% (maximum)
Drift with Temperature (character-
ized but not production tested)
V
REF/T
—
27
100
ppm
VREF = 1.21V, VDD = 1.8V
—22100
ppm
VREF = 1.21V, VDD = 5.5V
—23100
ppm
VREF = 2.4V, VDD = 5.5V
Capacitive Load
CL
—200
—
pF
Note 4
DC CHARACTERISTICS (CONTINUED)
Unless otherwise indicated, all limits are specified for: VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ =
VDD/2, VIN- = VSS, RL = 100 k to VDD/2 (MCP65R41 only), and RPull-Up = 2.74 k to VDD (MCP65R46 only),
and TA = -40°C to 125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The input offset voltage is the center (average) of the input-referred trip points. The input hysteresis is the
difference between the input-referred trip points.
2:
Limit the output current to Absolute Maximum Rating of 30 mA.
3:
Do not short the output of the MCP65R46 comparators above VSS + 10V.
4:
The low power reference voltage pin is designed to drive small capacitive loads. See Section 4.5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com