Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9857 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9857
Description  High voltage high-side driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9857 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9857 Datasheet HTML 2Page - STMicroelectronics L9857 Datasheet HTML 3Page - STMicroelectronics L9857 Datasheet HTML 4Page - STMicroelectronics L9857 Datasheet HTML 5Page - STMicroelectronics L9857 Datasheet HTML 6Page - STMicroelectronics L9857 Datasheet HTML 7Page - STMicroelectronics L9857 Datasheet HTML 8Page - STMicroelectronics L9857 Datasheet HTML 9Page - STMicroelectronics L9857 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical specifications
L9857
6/11
Doc ID 12896 Rev 2
VBSUVHYS
VBS supply undervoltage lockout
hysteresis
-0.02
0.2
0.4
V
IQBS1
VBS supply current
static mode, VBS = 10 V,
IN = 0 V or 5 V
--
100
μA
IQBS2
static mode, VBS = 18 V,
IN = 0 V or VCC
--
200
μA
ΔV
BS
VBS drop due to output turn-on
VBS = 17 V, CBS = 1 μF,
tdIG-IN = 3 μs, tTEST = 100 μs
--
210
mV
Gate driver characteristics
IPKSo1
Peak output source current
VBS = 10 V , Tj = 25 °C
PW
≤ 10 µs
120
250
-
mA
IPKSo2
VBS = 10 V
PW
≤ 10 µs
70
150
-
IPKSo3
VBS = 17 V, Tj = 25 °C
PW
≤ 10 µs
250
500
-
IPKSo4
VBS = 17 V,
PW
≤ 10 µs
150
300
-
IHOH,off
HOH off-state leakage current
Guaranteed by design
-
-
1
μA
tr1
Output rise time
VBS = 10 V, Tj = 25°C
-
0.2
0.4
μs
tr2
VBS = 10 V
-
0.3
0.5
tr3
VBS = 17 V, Tj = 25 °C
-
0.1
0.2
tr4
VBS = 17 V
-
0.15
0.3
IPKSi1
Peak output sink current
IN = VCC, Tj = 25 °C
VBS = 10 V, PW < 10 µs
120
250
-
mA
IPKSi2
IN = VCC,
VBS = 10V , PW < 10 µs
70
150
-
IPKSi3
IN = VCC, Tj = 25 °C
VBS = 17 V, PW < 10 µs
250
500
-
IPKSi4
IN = VCC,
VBS = 17 V, PW < 10 µs
150
300
-
tf1
Output fall time
VBS = 10 V, Tj = 25 °C
-
0.2
0.4
μs
tf2
VBS = 10 V
-
0.3
0.5
tf3
VBS = 17 V, Tj = 25 °C
-
0.1
0.2
tf4
VBS = 17 V
-
0.15
0.3
tplh
Input-to-output turn-on propogation
delay (50 % input level to 10 %
output level)
--
0.1
0.3
μs
Table 6.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com