Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9857 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9857
Description  High voltage high-side driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9857 Datasheet(HTML) 4 Page - STMicroelectronics

  L9857 Datasheet HTML 1Page - STMicroelectronics L9857 Datasheet HTML 2Page - STMicroelectronics L9857 Datasheet HTML 3Page - STMicroelectronics L9857 Datasheet HTML 4Page - STMicroelectronics L9857 Datasheet HTML 5Page - STMicroelectronics L9857 Datasheet HTML 6Page - STMicroelectronics L9857 Datasheet HTML 7Page - STMicroelectronics L9857 Datasheet HTML 8Page - STMicroelectronics L9857 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical specifications
L9857
4/11
Doc ID 12896 Rev 2
2
Electrical specifications
2.1
Thermal data
2.2
Absolute maximum ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device
may occur. All voltage parameters are absolute voltages referenced to GND, all currents are
defined positive into any lead. This is a stress only rating and operation of the device at
these or any conditions exceeding those indicated in the operational sections of this
specifications is not implied.
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth(j-amb)
Thermal resistance junction-to-ambient
Max.
150
°C/W
Table 4.
Absolute maximum ratings
Parameter
Value
Units
Symbol
Definition
Min.
Max.
VBS
High side floating supply voltage
-0.3
20
V
VB
High side driver output stage voltage
-0.3
300
V
VS
High side floating supply offset voltage
VB – 20
300
V
VHO
Output voltage gate connection
VS - 0.3
VB + 0.3
V
VCC
Supply voltage
-0.3
20
V
VIN
Input voltage
-0.3
VCC + 0.3
V
IIN
Input injection current. Full function, no
latch-up; (guaranteed by design). Test at
10 V and 17 V on eng. samples.
-+1
mA
VRES
Reset input voltage
-0.3
VCC + 0.3
V
Vesd
Electrostatic discharge voltage (human
body model)
2k
-
V
VCDM
Charge device model CDM, EOS/ESD ass.
std 5.3. number of discharges per pin: 6
500
-
V
dV/dt
Allowable offset voltage slew rate
-50
50
V/nsec
Tj
Junction temperature
-55
150
°C
Tstg
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds) 3
times Bosch soldering profil acc. to Bosch
soldering conditions, gen. spec.
-
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com