Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9857 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9857
Description  High voltage high-side driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9857 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9857 Datasheet HTML 3Page - STMicroelectronics L9857 Datasheet HTML 4Page - STMicroelectronics L9857 Datasheet HTML 5Page - STMicroelectronics L9857 Datasheet HTML 6Page - STMicroelectronics L9857 Datasheet HTML 7Page - STMicroelectronics L9857 Datasheet HTML 8Page - STMicroelectronics L9857 Datasheet HTML 9Page - STMicroelectronics L9857 Datasheet HTML 10Page - STMicroelectronics L9857 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
L9857
Package information
Doc ID 12896 Rev 2
9/11
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 6.
SO-8 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.750
0.0689
A1
0.100
0.250 0.0039
0.0098
A2
1.250
0.0492
b
0.280
0.480 0.0110
0.0189
c
0.170
0.230 0.0067
0.0091
D (1)
4.800
4.900
5.000 0.1890 0.1929 0.1969
E
5.800
6.000
6.200 0.2283 0.2362 0.2441
E1(2)
3.800
3.900
4.000 0.1496 0.1535 0.1575
e
1.270
0.0500
h
0.250
0.500 0.0098
0.0197
L
0.400
1.270 0.0157
0.0500
L1
1.040
0.0409
k
0˚8˚
0˚8˚
ccc
0.100
0.0039
Notes: 1. Dimensions D does not include mold flash,
protrusions or gate burrs.
Mold flash, potrusions or gate burrs shall not
exceed 0.15mm in total (both side).
2. Dimension “E1” does not include interlead flash
or protrusions. Interlead flash or protrusions shall
not exceed 0.25mm per side.
SO-8
0016023 D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com