Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9857 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9857
Description  High voltage high-side driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9857 Datasheet(HTML) 3 Page - STMicroelectronics

  L9857 Datasheet HTML 1Page - STMicroelectronics L9857 Datasheet HTML 2Page - STMicroelectronics L9857 Datasheet HTML 3Page - STMicroelectronics L9857 Datasheet HTML 4Page - STMicroelectronics L9857 Datasheet HTML 5Page - STMicroelectronics L9857 Datasheet HTML 6Page - STMicroelectronics L9857 Datasheet HTML 7Page - STMicroelectronics L9857 Datasheet HTML 8Page - STMicroelectronics L9857 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
L9857
Block diagram and pin description
Doc ID 12896 Rev 2
3/11
1
Block diagram and pin description
1.1
Block diagram
Figure 1.
Block diagram
1.2
Pin description
Figure 2.
Pin connection (top view)
Logic
Pulse Filter
Level Shifter
"ON"
Level Shifter
"OFF"
Undervoltage
RESET
VB to VS
Pulse Filter
FLIP FLOP
Break before
Make
Undervoltage
RESET VCC
to GND
VCC
VB
VS
HO
RES-
IN
GND
Table 2.
Pin function
Pin #
Pin name
Description
1VCC
Driver supply, typically 17V
2
IN
Driver control signal input (positive logic)
3
GND
Ground
4
RESET-
Driver enable signal input (negative logic)
5
NC
No connection (no bondwire)
6VS
MOSFET source connection
7HO
MOSFET gate connection
8VB
Driver output stage supply
VCC
IN
GND
RESET-
1
3
2
4NC
VS
HO
VB
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com