Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9857 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9857
Description  High voltage high-side driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9857 Datasheet(HTML) 5 Page - STMicroelectronics

  L9857 Datasheet HTML 1Page - STMicroelectronics L9857 Datasheet HTML 2Page - STMicroelectronics L9857 Datasheet HTML 3Page - STMicroelectronics L9857 Datasheet HTML 4Page - STMicroelectronics L9857 Datasheet HTML 5Page - STMicroelectronics L9857 Datasheet HTML 6Page - STMicroelectronics L9857 Datasheet HTML 7Page - STMicroelectronics L9857 Datasheet HTML 8Page - STMicroelectronics L9857 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
L9857
Electrical specifications
Doc ID 12896 Rev 2
5/11
2.3
Recommended operating conditions
For proper operations the device should be used within the recommended conditions.
2.4
Electrical characteristics
Unless otherwise specified, VCC = 15 V, VBS = 15 V, VS = 0 V, IN = 0 V, RES = 5 V,
load R = 50
Ω, C = 2.5 nF. Unless otherwise noted, these specifications apply for an
operating junction temperature range of -40 °C
≤ T
j ≤ 125 °C
Table 5.
Recommended operating conditions
Parameter
Value
Units
Symbol
Definition
Min.
Max.
VB
High side driver output stage voltage -5 V
transient 0.1µs
VS+10 (1)
1.
Reset-Logic functional for VB-VS=2V, independent from VCC-level
VS+18
V
VS
High side floating supply offset voltage
- 20 V transient 0.1µs
-5
300
V
VHO
Output voltage gate connection
VS
VB
V
VCC
Supply voltage
10
18
V
VIN
Input voltage
0
VCC
V
VRES
Reset input voltage
0
VCC
V
FS
Switching frequency
-
200
kHz
Tamb
Ambient temperature
-40
125
°C
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC supply
VCCUV
VCC supply undervoltage
VCC rising from 0 V
VCC dropping from 10 V
7.2
-
9.6
V
VCCUVHYS
VCC supply undervoltage lockout
hysteresis
-0.02
0.2
0.4
V
tdUVCC
Undervoltage lockout response
time
VCC steps either from 10 V
to 6 V or from 6 V to 10 V
0.5
-
20
μs
IQCC
VCC supply current
-
-
-
400
μA
VBS supply
VBSUV
VBS supply undervoltage
VBS rising from 0 V
VBS dropping from 10 V
7.2
-
9.6
V
tdUVBS
Undervoltage lockout response
time
VBS steps either from 10 V
to 6 V or from 6 V to 10 V
0.5
-
20
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com