Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9857 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9857
Description  High voltage high-side driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9857 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9857 Datasheet HTML 3Page - STMicroelectronics L9857 Datasheet HTML 4Page - STMicroelectronics L9857 Datasheet HTML 5Page - STMicroelectronics L9857 Datasheet HTML 6Page - STMicroelectronics L9857 Datasheet HTML 7Page - STMicroelectronics L9857 Datasheet HTML 8Page - STMicroelectronics L9857 Datasheet HTML 9Page - STMicroelectronics L9857 Datasheet HTML 10Page - STMicroelectronics L9857 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
L9857
Electrical specifications
Doc ID 12896 Rev 2
7/11
2.5
Reset functional diagram
The diagram is guaranteed for the following condition.
VCC = 10 V; VBS = 10 V @ -40 °C, VCC = 17 V; VBS = 17 V @ +25 °C and 125 °C
Figure 3.
Reset functional diagram
tphl
Input-to-output turn-off propogation
delay (50 % input level to 90%
output level)
--
0.1
0.2
μs
tphl_res
RES-to-output turn-off propogation
delay (50% input level to 90%
output levels)
--
0.1
0.3
tplh_res
RES-to-output turn-on propogation
delay (50% input level to 10%
output levels)
--
0.1
0.8
Input characteristics
VINH
High logic level input threshold
-
9.5
-
-
V
VINL
Low logic level input threshold
-
-
-
6
RIN
High logic level input resistance
(Pull-down resistor)
-60
-
300
k
Ω
IIN
Low logic level input current
VIN = 0
-
-
5
μA
VH_RES
High logic level RES input threshold
Reset signal comes from a
5 V system!
3.5
-
-
V
VL_RES
Low Logic Level RES input
threshold
R eset signal comes from a
5V system!
--
1.4
RRES
High logic level RES input
resistance (Pull-down resistor)
Reset signal comes from a
5 V system with pull-up
resistor 3.8 k
Ω to 5 V. (1)
60
-
300
k
Ω
IRES
Low logic level input current
VRES = 0
-
-
5
μA
1.
4 HS-driver reset- inputs and other IC with their input pull-down resistors are connected in parallel with the RESET wire.
The enable input RES- is an active low input, that means a logic low turns the external Power MOSFET off. The input
circuitry has to make sure, that the MOSFET is off, when the pin is open or floating. In the application the RES- pin is tied to
a bipolar open collector transistor or MOSFET open drain transistor with pull-up resistor 3.8K to +5V together with other
RES- inputs of other IC.
Table 6.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IN
RESET -
HO-VS: -40°C
HO-VS: 25°C
HO-VS: 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com