Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV8680 Datasheet(PDF) 30 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 30 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 26Page - CML Microcircuits EV8680 Datasheet HTML 27Page - CML Microcircuits EV8680 Datasheet HTML 28Page - CML Microcircuits EV8680 Datasheet HTML 29Page - CML Microcircuits EV8680 Datasheet HTML 30Page - CML Microcircuits EV8680 Datasheet HTML 31Page - CML Microcircuits EV8680 Datasheet HTML 32Page - CML Microcircuits EV8680 Datasheet HTML 33Page - CML Microcircuits EV8680 Datasheet HTML 34Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
30
UM8680/2
1.6.6.2 Set up EV8680 to Manually Answer V.23 Call from a Remote Modem
1. Select V.23 communication standard (default is V.22 bis).
Command : ATB2<CR>
2. Enable/Disable Fixed Compromise Equalisers by writing to S-Register, S24 (default is enabled).
3. Configure CMX868 Transmitter by writing to S-Register, S25
4. Configure CMX868 Receiver by writing to S-Register, S26.
5. Manually Answer V.23 Call.
Command : ATA<CR>
The EV8680 will attempt to establish a V.23 connection. The CONNECT 1200/75 result code will be
returned to the PC if a V.23 connection is successfully established. The NO CARRIER result code will
be returned to the PC if the EV8680 fails to establish a V.23 connection within the time specified in S-
Register, S18.
1.6.6.3 Set up EV8680 to Originate V.22 bis Call to a Remote Modem
Configure EV8680 to dial out using a blind dialling method with DTMF tone duration of 150ms.
1. Select V.22 bis communication standard (default is V.22 bis).
Command : ATB0<CR>
2. Set calling characteristic to blind dial, ignoring dial and busy tones (default is ATX1).
Command : ATX1<CR>
3. Set Wait Time for Blind dialling S-Register (S6) to 5 seconds.
Command : ATS6=5<CR>
4. Set DTMF Tone Duration S-Register (S11) to 150ms.
Command : ATS11=15<CR>
5. Enable/Disable Fixed Compromise Equalisers by writing to S-Register, S24 (default is enabled).
6. Configure CMX868 Transmitter by writing to S-Register, S25.
7. Configure CMX868 Receiver by writing to S-Register, S26.
8. DTMF Dial.
Command : ATD0165447887<CR>
The EV8680 will go off-hook and blind dial after 5 seconds. After dialling the EV8680 will attempt to
establish a V.22 bis connection. The CONNECT 2400 result code will be returned to the PC if a V.22
bis connection is successfully established. The NO CARRIER result code will be returned to the PC if
the EV8680 fails to establish a V.22 bis connection within the time specified in S-Register, S7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com