Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV8680 Datasheet(PDF) 13 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 9Page - CML Microcircuits EV8680 Datasheet HTML 10Page - CML Microcircuits EV8680 Datasheet HTML 11Page - CML Microcircuits EV8680 Datasheet HTML 12Page - CML Microcircuits EV8680 Datasheet HTML 13Page - CML Microcircuits EV8680 Datasheet HTML 14Page - CML Microcircuits EV8680 Datasheet HTML 15Page - CML Microcircuits EV8680 Datasheet HTML 16Page - CML Microcircuits EV8680 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
13
UM8680/2
1.6
Detailed Description
1.6.1
Hardware Description
1.6.1.1 Operating Voltage
The operating voltage (VDD) is set to 5.0V. This may be altered by changing components R22 and
R23 which are socketed. To select 2.7 Volts set R22 = 180
Ω and R23 = 100Ω. The formula for
calculating the values of R22 and R23 is as follows:
R22
R23
240 (V
1.25)
1.25
DD
+
=
−
Where 240 is the value of R21 in ohms and VDD is the required supply voltage.
1.6.1.2 IDD Measurement
The evaluation device IDD may be measured by removing jumper JP3 and replacing it with a
multimeter.
1.6.1.3 Clock/Oscillator
The CMX868 may use either an external clock or its own crystal oscillator. An 11.0592MHz crystal is
provided on-board for the latter method. Two jumpers JP1 and JP2, which are normally fitted, select
the crystal oscillator. An external clock may be supplied to JP1 pin 2 once the jumpers have been
removed.
The PIC
µC is provided with an on-board 4MHz crystal, X2. Note that PICs programmed by CML are
only configured for use with the on-board 4MHz crystal.
1.6.1.4 Line Interface
The majority of the line interface components are fitted in sockets for adjustment purposes. These
values should be calculated based on the operating voltage and line conditions, see the CMX868 data
sheet and ETAL transformer recommendations for more information. The 2-wire ac line impedance
matching is provided by components C2, C4, R6, T1, C5, C8, R12 and R14 which are factory fitted to
suit a 600
Ω line.
A gyrator circuit is provided to allow the evaluation kit to be used with a line simulator. This circuit will
draw dc loop current in the off-hook state. The current drawn may be altered by adjusting the value of
R7. Note, the gyrator is designed to function with a dc current limited line.
1.6.1.5 Ring Detection
Ring Detection is provided by an opto-isolated circuit formed by components C1, D3 - D5, R5, R9 and
U2. The response time is set by components R10 and C6. See CMX868 data sheet for further
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com