Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV8680 Datasheet(PDF) 17 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 13Page - CML Microcircuits EV8680 Datasheet HTML 14Page - CML Microcircuits EV8680 Datasheet HTML 15Page - CML Microcircuits EV8680 Datasheet HTML 16Page - CML Microcircuits EV8680 Datasheet HTML 17Page - CML Microcircuits EV8680 Datasheet HTML 18Page - CML Microcircuits EV8680 Datasheet HTML 19Page - CML Microcircuits EV8680 Datasheet HTML 20Page - CML Microcircuits EV8680 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
17
UM8680/2
Sn?
S-Register Read
Command for displaying the contents of an S-Register (See S-Register Table).
Syntax: ATSn?<CR>
where n is the S-Register to be interrogated (decimal).
Value returned is either in decimal (default) or hex format depending on the setting
of Bit 4 in the S14 register.
Sn=x
S-Register Write
Command for writing to an S-Register (See S-Register Table).
Syntax: ATSn=x<CR>
where n is the S-Register (decimal) and x is the value to be written (decimal, 0-
255).
Vn
Result Code Format
Syntax: ATVn<CR>
Modifier Usage
n=0 Instructs the modem to display result codes as numbers.
n=1 Instructs the modem to display result codes as words (default).
Xn
Calling Characteristics
Determines which set of responses and calling characteristics are used.
Syntax: ATXn<CR>
Modifier Usage
n=0 The modem will ignore dial tones and busy tones. Dial tone wait time is zero,
and blind dialling is enabled. The modem returns a CONNECT result code when a
connection is established.
n=1 The modem will ignore dial tones and busy tones. Dial tone wait time is zero,
and blind dialling is enabled. The modem returns a CONNECT xxxx result code
when a connection is established, where xxxx is the Tx/Rx line speed (default).
n=2 The modem will ignore busy tones, but waits for a dial tone before dialling. If a
dial tone is not detected within 5 seconds, a NO DIAL TONE result code is
returned. The modem returns a CONNECT xxxx result code when a connection is
established, where xxxx is the Tx/Rx line speed.
n=3 The modem will ignore dial tones. If a busy tone is detected, a BUSY result
code is returned. Blind dialling is enabled. The modem returns a CONNECT xxxx
result code when a connection is established, where xxxx is the Tx/Rx line speed.
n=4 If a dial tone is not detected within 5 seconds, a NO DIAL TONE result code is
returned. If a busy tone is detected, a BUSY result code is returned. The modem
returns a CONNECT xxxx result code when a connection is established, where
xxxx is the Tx/Rx line speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com