Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV8680 Datasheet(PDF) 21 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 17Page - CML Microcircuits EV8680 Datasheet HTML 18Page - CML Microcircuits EV8680 Datasheet HTML 19Page - CML Microcircuits EV8680 Datasheet HTML 20Page - CML Microcircuits EV8680 Datasheet HTML 21Page - CML Microcircuits EV8680 Datasheet HTML 22Page - CML Microcircuits EV8680 Datasheet HTML 23Page - CML Microcircuits EV8680 Datasheet HTML 24Page - CML Microcircuits EV8680 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
21
UM8680/2
S-Register
Factory Profiles
Reg
Range
Units
Description
‘0’
‘1’
S9
1-255
100ms
Reserved
6
6
S10
1-255
100ms
Lost carrier to hang up delay - Sets the
length of time that the modem waits before
hanging up after the loss of a carrier. This
allows the modem to distinguish between
disturbances that momentarily break the
connection and the remote modem hanging
up.
7
7
S11
5-255
10ms
DTMF tone duration - Defines the duration
of DTMF tones for tone dialling. The length
of pause between each DTMF tone is the
same as this duration time.
10
20
S12
0-255
50ms
Escape code guard time - Specifies the
minimum time before entry of the escape
sequence.
This value also dictates the
acceptable entry speed (inter-character time)
for each escape character.
20
20
S13
0-255
Decimal
Reserved
0
0
S14
0-255
Decimal
General options - provides the following
functions:
Bit
0 - Reserved
Bit
1 - Echo command character, 0 Disables
echoing (ATE0), 1 Enables echoing
(ATE1)
Bit
2 - Result code display, 0 Send
responses (ATQ0), 1 Do not send
responses (ATQ1)
Bit
3 - Word or number responses, 0 Send
number responses (ATV0), 1 Send word
responses (ATV1)
Bit
4 - Output format when reading CMX868
registers or S-registers, 0 Decimal, 1 Hex
Bit
5, 6 – Reserved
Bit
7 - Answer/originate operation, 0
Answer (ATA), 1 Originate (ATD)
138
128
S15
0-255
Decimal
Reserved
0
0
S16
0-255
Decimal
Reserved
0
0
S17
0-255
Decimal
Reserved
0
0
S18
0-255
s
General Purpose Timer - Used for various
firmware functions.
30
30
S19
0-255
10ms
General Purpose Timer – Used for various
firmware functions
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com