Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV8680 Datasheet(PDF) 22 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 22 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 18Page - CML Microcircuits EV8680 Datasheet HTML 19Page - CML Microcircuits EV8680 Datasheet HTML 20Page - CML Microcircuits EV8680 Datasheet HTML 21Page - CML Microcircuits EV8680 Datasheet HTML 22Page - CML Microcircuits EV8680 Datasheet HTML 23Page - CML Microcircuits EV8680 Datasheet HTML 24Page - CML Microcircuits EV8680 Datasheet HTML 25Page - CML Microcircuits EV8680 Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
22
UM8680/2
S-Register
Factory Profiles
Reg
Range
Units
Description
‘0’
‘1’
S20
0-255
Decimal
Reserved
0
0
S21
0-255
Decimal
BERT options - Provides the following
functions:
Bit
0 - BERT End, 0 Rx Board (AT@F4), 1
Tx Board (AT@F5)
Bit
1 - BERT Operating Band (ignored for
V23/Bell202 BERT operation), 0 Low, 1
High
Bit
2, 3, 4, 5 - Reserved
Bit
6,7 - BERT Scrambler/Descrambler, 11
Enabled (64 ones detect circuit enabled),
10 Enabled (64 ones detect circuit
disabled), 00 Disabled
193
193
S22
0-255
Decimal
Bit Mapped register - Provides the following
functions:
Bit 0, 1, 2, 3, 4 - Reserved
Bit 5, 6, 7 - Calling Characteristics, 000
(ATX0), 100 (ATX1), 101 (ATX2), 110
(ATX3), 111 (ATX4)
0
0
S23
0-255
Decimal
Bit Mapped register - Provides the following
functions:
Bit 0, 1, 2, 3, 4, 5 - Reserved
Bit 6, 7 - Guard Tones (DPSK/QAM high
band operation only), 00 None (AT&G0), 11
550Hz (AT&G1), 10 1800Hz (AT&G2)
0
0
S24
0-255
Decimal
Bit Mapped register - Provides the following
functions:
Bit
0 - CMX868 Xtal Freq, 0 12.2880MHz, 1
11.0592MHz
Bit
1 - CMX868 Tx and Rx Fixed
Compromise Equalisers (used during
negotiation and data transfer), 0 Enable,
1 Disable
Bit
2 - CMX868 Auto Equaliser (DPSK
operating modes, always enabled during
V22bis QAM operation), 0 Disable, 1
Enable
Bit 3, 4, 5, 6, 7 – Reserved
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com