Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV8680 Datasheet(PDF) 23 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 19Page - CML Microcircuits EV8680 Datasheet HTML 20Page - CML Microcircuits EV8680 Datasheet HTML 21Page - CML Microcircuits EV8680 Datasheet HTML 22Page - CML Microcircuits EV8680 Datasheet HTML 23Page - CML Microcircuits EV8680 Datasheet HTML 24Page - CML Microcircuits EV8680 Datasheet HTML 25Page - CML Microcircuits EV8680 Datasheet HTML 26Page - CML Microcircuits EV8680 Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
23
UM8680/2
Reg
Range
Units
Description
‘0’
‘1’
S25
0-255
Decimal
Bit Mapped register - Provides the following
functions:
Bit
0, 1, 2 - CMX868 Tx Gain (used during
negotiation, data transfer and BERT),
111 0dB, 110 -1.5dB, 101 -3.0dB, 100 -
4.5dB, 011 -6dB, 010 -7.5dB, 001 -
9.0dB, 000 -10.5dB
Bit
3, 4, 5 - CMX868 Tx Data/Stop bits
(used during data transfer), 111 8/2 bits,
110 8/1 bits, 101 7/2 bits, 100 7/1 bits,
011 6/2 bits, 010 6/1 bits, 001 5/2 bits,
000 5/1 bits
Bit
6, 7 - CMX868 Tx Start-stop mode (used
during data transfer), 00 Odd parity, 01
Even parity, 10 No parity
176
176
S26
0-255
Decimal
Bit Mapped register - Provides the following
functions:
Bit
0, 1, 2 - CMX868 Rx Gain (used during
negotiation, data transfer and BERT),
111 0dB, 110 -1.5dB, 101 -3.0dB, 100 -
4.5dB, 011 -6dB, 010 -7.5dB, 001 -
9.0dB, 000 -10.5dB
Bit
3, 4, 5 - CMX868 Rx Data and Parity bits
(used during data transfer), 111 8 data +
parity, 110 8 data, 101 7 data + parity,
100 7 data, 011 6 data + parity, 010 6
data, 001 5 data + parity, 000 5 data
Bit
6, 7 - CMX868 Rx USART (used during
data transfer), 00 2.3% overspeed, 01
1% overspeed, 10 No overspeed
48
176
S27
0-255
Decimal
Bit Mapped register - Provides the following
functions:
Bit 0, 1, 2, 3 - Reserved.
Bit 4, 5, 6, 7 - Communication Standard,
0000 (ATB0), 0001 (ATB1), 0010
(ATB2), 0011 (ATB3), 0100 (ATB4),
0101 (ATB5), 0110 (ATB6), 0111
(ATB7), 1000 (ATB8), 1001 (ATB9)
0
0
S28
0-255
Decimal
Reserved
0
0
S29
0-255
Decimal
Reserved
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com