Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM8601 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APM8601
Description  DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8601 Datasheet(HTML) 5 Page - Diodes Incorporated

  APM8601 Datasheet HTML 1Page - Diodes Incorporated APM8601 Datasheet HTML 2Page - Diodes Incorporated APM8601 Datasheet HTML 3Page - Diodes Incorporated APM8601 Datasheet HTML 4Page - Diodes Incorporated APM8601 Datasheet HTML 5Page - Diodes Incorporated APM8601 Datasheet HTML 6Page - Diodes Incorporated APM8601 Datasheet HTML 7Page - Diodes Incorporated APM8601 Datasheet HTML 8Page - Diodes Incorporated APM8601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
APM8601
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY
CHARGER WITH 28V OVP and PROGRAMMABLE CHARGE
TIMER
APM8601
Document number: DS35138 Rev. 1 - 2
5 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Electrical Characteristics
APM8601 is tested at VDC = VUSB = 5V, VBAT = 4V, V EN = 0V, RSETI = 2kΩ, CCT = 68nF, at an ambient temperature of +25°C
unless otherwise noted.
Note:
5. Guaranteed by testing of undervoltage- and overvoltage-threshold. To completely charge a battery cell, the input voltage must be greater than 4.32V.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VDC/VUSB
Input Voltage Range
0
28
V
VDC/VUSB
Input Operating Range (Note 5)
4.15
7.00
V
UVLO
Input Undervoltage Lock Out
(Note 5)
Input rising, 500mV
hysteresis (typ.) VBAT = 3.2V
3.85
4.0
4.15
V
OVLO
Input Overvoltage Lock Out
Input rising, 200mV
hysteresis (typ.)
7.2
7.5
7.8
V
IDC/USB
Input Supply Current
IBAT = 0mA, RTHM = 10kΩ
750
1200
µA
ISHTDWN
Shutdown Current
EN
= High, TA = 25ºC
275
435
µA
RDS_ON
Input to BAT On-Resistance
Input = 3.7V, VBAT = 3.6V
0.5
0.8
Ω
VDROPOUT
Input to BAT dropout Voltage
Input falling, 200mV
hysteresis (typ.)
5
55
150
mV
VBAT_REG
Battery Voltage Regulation
IBAT = 0mA, TA = 25ºC
4.179
4.2
4.221
V
BATRSTTH
Battery Fast-Charge Restart
Threshold
From BAT regulation
voltage
-230
-175
-110
mV
IDC_CHG
DC Charge Current
VUSB = 0V
RSETI = 1.5kΩ
950
1000
1140
mA
RSETI = 2.0kΩ
727
750
870
RSETI = 5.0kΩ
280
300
353
Prequal, RSETI = 2kΩ,
VBAT = 2.5V
60
75
95
IUSB_CHG
USB Charge Current
VDC = 0V
VUSEL = 5V
450
475
500
mA
VUSEL = 0V
75
90
105
Prequal, RSETI = 2kΩ,
VBAT = 2.5V
60
75
95
SS
Soft-Start Time
Ramp time to fast-charge
1.2
ms
VPREQ_TH
BAT Prequel Threshold
VBAT rising, 180mV
hysteresis (typ.)
2.9
3.0
3.1
V
ILEAK
BAT Leakage Current
VDC = VUSB = 0V, VBAT =
4.2V
0.001
5
µA
RSETI
Resistance Range for SETI
Guaranteed by charging
current
1.5
5.0
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com