Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM8601 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APM8601
Description  DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8601 Datasheet(HTML) 1 Page - Diodes Incorporated

  APM8601 Datasheet HTML 1Page - Diodes Incorporated APM8601 Datasheet HTML 2Page - Diodes Incorporated APM8601 Datasheet HTML 3Page - Diodes Incorporated APM8601 Datasheet HTML 4Page - Diodes Incorporated APM8601 Datasheet HTML 5Page - Diodes Incorporated APM8601 Datasheet HTML 6Page - Diodes Incorporated APM8601 Datasheet HTML 7Page - Diodes Incorporated APM8601 Datasheet HTML 8Page - Diodes Incorporated APM8601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
APM8601
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY
CHARGER WITH 28V OVP and PROGRAMMABLE CHARGE
TIMER
APM8601
Document number: DS35138 Rev. 1 - 2
1 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Description
The APM8601 is a dual input channel linear Li-Ion charger for
portable equipment that is optimized for small form-factor
applications.
The charge algorithm in the APM8601 covers all the charge
requirements for a single Li-Ion battery cell. Included is
pre-charging for deeply discharged cells, constant current /
constant voltage fast charging and a top-off feature to bring
the cell safely to a full-charge level.
The battery is constantly monitored for overvoltage, charge
time and cell temperature to ensure safe charging. A fault is
triggered once the charge time exceeds a value that is
programmable using a single capacitor and the temperature
measurement is achieved through a thermistor positioned
close to the battery cell.
The APM8601 automatically selects the USB or DC input,
depending on which is valid (DC has priority if both are valid).
The charging current from the USB input is set to 100mA or
500mA based on the logic level of the USEL input.
The APM8601 is packaged in U-DFN3030-14 package with a
thermal pad.
Applications
•
Handheld Consumer Devices
•
Cell Phones, PDAs, MP3 Players
•
Handheld Test Equipment
•
Digital Still Cameras
•
Multimedia players
Pin Assignments
Figure 1. Pin Out
Features
•
Linear Lithium Ion / Lithium Polymer charging IC
•
Supply input safe up to 28V
•
Fast charging with maximum current of 1A
•
100mA/500mA USB charge current selected with USEL
•
Resistor-programmable charging current
•
Resistor programmable end-of-charge
•
Capacitor programmable charge timer
•
Three charge indicator pins for a status display
•
Thermal protection
•
DFN3030-14: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Note 1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions
applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
Figure 2. Typical Application Circuit


Similar Part No. - APM8601

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APM8600 DIODES-APM8600 Datasheet
192Kb / 14P
SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V OVP
DS35140 Rev. 1 - 2
APM8600FB-7 DIODES-APM8600FB-7 Datasheet
192Kb / 14P
SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V OVP
DS35140 Rev. 1 - 2
More results

Similar Description - APM8601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1 Datasheet
176Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Diodes Incorporated
APM8600 DIODES-APM8600 Datasheet
192Kb / 14P
SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V OVP
DS35140 Rev. 1 - 2
logo
Unisonic Technologies
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1_15 Datasheet
182Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Unisonic Technologies
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
E-CMOS Corporation
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
1A, Single Cell Linear Lithium Battery Charger
EC49022 E-CMOS-EC49022 Datasheet
365Kb / 8P
1A, Single Cell Linear Lithium Battery Charger
logo
Unisonic Technologies
UB2016 UTC-UB2016_18 Datasheet
307Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com