Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM8601 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # APM8601
Description  DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8601 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button APM8601 Datasheet HTML 3Page - Diodes Incorporated APM8601 Datasheet HTML 4Page - Diodes Incorporated APM8601 Datasheet HTML 5Page - Diodes Incorporated APM8601 Datasheet HTML 6Page - Diodes Incorporated APM8601 Datasheet HTML 7Page - Diodes Incorporated APM8601 Datasheet HTML 8Page - Diodes Incorporated APM8601 Datasheet HTML 9Page - Diodes Incorporated APM8601 Datasheet HTML 10Page - Diodes Incorporated APM8601 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
APM8601
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY
CHARGER WITH 28V OVP and PROGRAMMABLE CHARGE
TIMER
APM8601
Document number: DS35138 Rev. 1 - 2
7 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Functional Description
APM8601 is a linear Li-Ion battery charger device for single-cell applications. It has dual power inputs (DC and USB) and the
charge currents can be programmed with the RSETI resistor and/or the USEL pin. The device also incorporates several safety
features, such as charge timers, battery temperature monitoring and internal thermal limiting.
Functional State Diagram
ANY STATE
EN = HIGH
OR
VIN < VBAT
OR
VIN < 4.0V
OR
VIN > 7.5V
EN = LOW
AND VIN > VBAT
AND VIN > 4.0V
AND VIN < 7.5V
VBAT > 3V
Reset Timer
VBAT < 2.82V
Reset Timer
IBAT < 112.5 / RSETI
Reset Timer
IBAT > 172.5 / RSETI
Reset Timer
RTHM < 315Ω
OR
(RTHM > 3.94kΩ
AND RTHM < 28.3kΩ)
(RTHM > 315Ω
AND RTHM < 3.94kΩ)
OR
RTHM > 28.3kΩ
RTHM < 315Ω
OR
(RTHM > 3.94kΩ
AND RTHM < 28.3kΩ)
(RTHM > 315Ω
AND RTHM < 3.94kΩ)
OR
RTHM > 28.3kΩ
Time out
VBAT < 4.05V
Reset Timer
IBAT > 112.5 / RSETI
AND Time out
VBAT < 3V
AND Time out
DISABLE
POK
1
FLT
1
CHG
1
IBAT
0A
PREQUAL
POK
0
FLT
1
CHG
1
IBAT
150 / RSETI
Timer Hold
THM
POK
0
FLT
1
CHG
1
IBAT
0A
TOP-OFF
POK
0
FLT
1
CHG
1
CHARGE
POK
0
FLT
1
CHG
0
IBAT (USB)
USEL Setting
IBAT (DC)
1500 / RSETI
DONE
POK
0
FLT
1
CHG
1
IBAT
0A
Timer Hold
THM
POK
0
FLT
1
CHG
0
IBAT
0A
FAULT
POK
0
FLT
0
CHG
1
IBAT
0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com