Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM8601 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # APM8601
Description  DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8601 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button APM8601 Datasheet HTML 6Page - Diodes Incorporated APM8601 Datasheet HTML 7Page - Diodes Incorporated APM8601 Datasheet HTML 8Page - Diodes Incorporated APM8601 Datasheet HTML 9Page - Diodes Incorporated APM8601 Datasheet HTML 10Page - Diodes Incorporated APM8601 Datasheet HTML 11Page - Diodes Incorporated APM8601 Datasheet HTML 12Page - Diodes Incorporated APM8601 Datasheet HTML 13Page - Diodes Incorporated APM8601 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
APM8601
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY
CHARGER WITH 28V OVP and PROGRAMMABLE CHARGE
TIMER
APM8601
Document number: DS35138 Rev. 1 - 2
11 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Ordering Information
APM8601 FB - 7
Package
Packing
FB :U-DFN3030-14
7 : Tape & Reel
Device
Package
Code
Packaging
(Note 6)
7” Tape and Reel
Quantity
Part Number Suffix
APM8601FB-7
FB
U-DFN3030-14
3000/Tape & Reel
-7
Note:
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
( Top View )
X : A~Z : Internal Code
Y W X
XX
XX : P4 : APM8601
z : represents 52 and 53
a~z : 27~52 week;
Part Number
Package
Identification Code
APM8601FB-7
U-DFN3030-14
P4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com