Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM8601 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APM8601
Description  DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8601 Datasheet(HTML) 2 Page - Diodes Incorporated

  APM8601 Datasheet HTML 1Page - Diodes Incorporated APM8601 Datasheet HTML 2Page - Diodes Incorporated APM8601 Datasheet HTML 3Page - Diodes Incorporated APM8601 Datasheet HTML 4Page - Diodes Incorporated APM8601 Datasheet HTML 5Page - Diodes Incorporated APM8601 Datasheet HTML 6Page - Diodes Incorporated APM8601 Datasheet HTML 7Page - Diodes Incorporated APM8601 Datasheet HTML 8Page - Diodes Incorporated APM8601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
APM8601
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY
CHARGER WITH 28V OVP and PROGRAMMABLE CHARGE
TIMER
APM8601
Document number: DS35138 Rev. 1 - 2
2 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Pin Descriptions
Name
Pin #
Description
BAT
1, 7
Connection to the
Battery
The battery is charged via this pin and the BAT voltage is constantly monitored.
Connect a bypass capacitor between BAT and GND (2.2µF).
SETI
2
Charge Current
programming
The maximum charge current is programmed using a resistor from SETI to GND.
This also determines the prequal current charging level and top-off threshold.
THM
3
Thermistor Input
To monitor the battery temperature, connect a 10k
Ω NTC thermistor. Place this
thermistor as close as possible to the battery. Connect THM to GND if
temperature measurement is not required.
GND
4
Ground
Ground connection.
CT
5
Charge Timing
Connecting a capacitor from CT to GND will set the time-outs for prequal, top-off
and fast-charge. Connecting CT direct to GND disables these timers.
USEL
6
USB Charge
Select
Logic input to program the charge current in USB charging mode.
IBAT = 90mA when USEL = low, and IBAT = 475mA when USEL = high.
EN
8
Enable
(active-low)
The charger is enabled when this input is low. To start the charger connect
EN
to GND. Drive this input high to disable the charger.
USB
9
USB Input
USB supply input. Connect a bypass capacitor (1µF) from USB to GND.
POK
10
Power OK
(active-low)
When a valid input source is connected, this open-drain output is pulled low.
CHG
11
Charge Status
(active-low)
Open-drain output that indicates the charging status. It is active only in the fast-
charge state and goes high-impedance when the charger is either disabled or in
prequal or top-off mode.
DC
12, 13
DC Input
DC supply input. The recommended input voltage is between 4.32V and 7V. This
input is capable of withstanding up to 28V. Connect both DC pins together on the
PCB. It is recommended to connect a bypass capacitor (1µF) from DC to GND.
FLT
14
Fault Flag
(active-low)
If the prequal or fast-charge timers expire and the charging threshold voltage is
not reached, FLT (open-drain output) will go low. Remove the fault by cycling
power or raise EN .
EP
Exposed Pad
For optimal thermal performance connect to copper on PCB (electrically this can
be GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com