Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM8601 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # APM8601
Description  DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8601 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button APM8601 Datasheet HTML 6Page - Diodes Incorporated APM8601 Datasheet HTML 7Page - Diodes Incorporated APM8601 Datasheet HTML 8Page - Diodes Incorporated APM8601 Datasheet HTML 9Page - Diodes Incorporated APM8601 Datasheet HTML 10Page - Diodes Incorporated APM8601 Datasheet HTML 11Page - Diodes Incorporated APM8601 Datasheet HTML 12Page - Diodes Incorporated APM8601 Datasheet HTML 13Page - Diodes Incorporated APM8601 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
APM8601
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY
CHARGER WITH 28V OVP and PROGRAMMABLE CHARGE
TIMER
APM8601
Document number: DS35138 Rev. 1 - 2
10 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Functional Description (continued)
CHARGING PROCESS DESCRIPTION
The charging process is as follows, working through the state diagram.
The device will begin in the Disable state as the input power supply ramps from 0V. Once the input power supply has got into
the valid range (4.15V – 7V), and the device is enabled then it will enter the Prequal state. This state allows for slow charging
of a severely discharged battery. If the battery is already partially charged then the condition to move into the Charge state is
met. If it is not then the slow charge will increase the battery voltage until it can enter the Charge state, or if the voltage does
not rise sufficiently before the charge timer runs out (set using the capacitor on the CT pin) then the device will go into the
Fault
state, indicating that the battery cell may be damaged or has failed and is not taking charge. In the Prequal state the
battery temperature can be monitored with a 10k NTC thermistor connected to the THM pin, and if the battery temperature
goes out of range (above ~50°C or below ~0°C, depending on thermistor choice) then charging will be suspended with the
device going into the THM state.
Once the battery has charged to a level of 3V, the device enters the Charge state, allowing faster charging of the battery in
its normal voltage range, with 10 times the current used in the Prequal state. For information on setting the charge currents,
see the functional description of the SETI pin. Again, the battery temperature is monitored and charging will be suspended if
the temperature goes out of range. The Charge state will last until the current drawn by the battery drops to 7.5% of the full
charge current. The device will then enter the Top-Off state, maintaining battery voltage and providing top-off charging
current for the time defined by the CT value. Once that timer completes, the device will enter the Done state, with zero battery
current. If the battery voltage falls below 4.05V then the device will automatically return to the Charge state.
EN
CHG
VBAT
IBAT
t
0V
IPREQUAL
150/RSETI
0A
ICHARGE
1500/RSETI
3V
4.2V
ITOPOFF
112.5/RSETI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com