Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1821 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LB1821
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LB1821 Datasheet HTML 4Page - Sanyo Semicon Device LB1821 Datasheet HTML 5Page - Sanyo Semicon Device LB1821 Datasheet HTML 6Page - Sanyo Semicon Device LB1821 Datasheet HTML 7Page - Sanyo Semicon Device LB1821 Datasheet HTML 8Page - Sanyo Semicon Device LB1821 Datasheet HTML 9Page - Sanyo Semicon Device LB1821 Datasheet HTML 10Page - Sanyo Semicon Device LB1821 Datasheet HTML 11Page - Sanyo Semicon Device LB1821 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IC Operation Description
1. Speed Control Circuit
This IC implements speed control using the combination of a speed discriminator circuit and a PLL circuit. The speed
discriminator and the PLL circuit output (using a charge pump technique) an error signal once every two FG periods.
As compared to the earlier technique in which only a speed discriminator circuit was used, the combination of a
speed discriminator and a PLL circuit allows variations in motor speed to be better suppressed when a motor that has
large load variations is used. The FG servo frequency is controlled to be the same frequency as the clock signal input
to the CLK pin. This means that the motor speed can be changed by changing the clock frequency.
2. VCO Circuit
The LB1821M includes an on-chip VCO circuit to generate the reference signal for the speed discriminator circuit.
The reference signal frequency is determined by the following formula.
fVCO = fCLK × number of counts
fVCO: Reference signal frequency
fCLK: Frequency of the externally input clock signal
The range over which the reference signal can be varied is determined by the resistor and capacitor connected to the
R pin (pin 36) and the C pin (pin 37) and by the VCO loop filter constants (the external constants connected to pins
41 and 42).
(Reference Values)
The value of R must not be less than 2.7 k
Ω.
Applications can handle a wider range of speed variations than would be possible if a fixed number of counts was
used by changing the number of discriminator counts (which is related to the divisor in the VCO circuit). The number
of counts can be switched between 64, 128, 256, and 512 by setting the N1 (pin 10) and N2 (pin 11) pins.
3. Output Drive Circuit
To reduce power loss in the output, this IC adopts the direct PWM drive technique. The output transistors (which are
external to the IC) are always saturated when on, and the motor drive output is adjusted by changing the duty with
which the output is on. Since the (external) output switching is handled by the upper side output transistors, a
Schottky diode or similar device must be connected between the output (OUT) and ground. This is because a through
current will flows at the instant the upper side output transistors turn on if a diode with a short reverse recovery time
is not used. A rectifying diode can be used between OUT and VCC. Transistors that have no parasitic diodes must be
used for the lower side output transistors. If these transistors have parasitic diode components, then through currents
will occur due to the reverse recovery time of the parasitic diodes despite the inclusion of the external Schottky
diodes.
4. Current Limiter Circuit
The current limiter circuit limits the (peak) current at the value I = VRF/Rf (VRF = 0.52 V (typical), Rf: current
detection resistor). The current limitation operation consists of reducing the output duty to suppress the current.
5. Speed Lock Range
The speed lock range is ±6.25% of the fixed speed. When the motor speed is in the lock range, the LD pin (an open
collector output) goes low. If the motor speed goes out of the lock range, the motor on duty is adjusted according to
the speed error to control the motor speed to be within the lock range. Caution is required, since the LD signal may
go on initially at startup. (It will be low while two or three FG signal pulses are input.)
6. Notes on the PWM Frequency
The PWM frequency is determined by the resistor and capacitor connected to the CR pin.
fPWM ≈ 1/(0.48 × C × R)
A PWM frequency of between 15 and 25 kHz is desirable. If the PWM frequency is too low, the motor may resonate
No. 5686-8/16
LB1821M
Supply voltage
R (k
Ω)
C (pF)
VCC = 5 V
4.7
390
VCC = 6.3 V
4.7
820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com