Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1821 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LB1821
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LB1821 Datasheet HTML 8Page - Sanyo Semicon Device LB1821 Datasheet HTML 9Page - Sanyo Semicon Device LB1821 Datasheet HTML 10Page - Sanyo Semicon Device LB1821 Datasheet HTML 11Page - Sanyo Semicon Device LB1821 Datasheet HTML 12Page - Sanyo Semicon Device LB1821 Datasheet HTML 13Page - Sanyo Semicon Device LB1821 Datasheet HTML 14Page - Sanyo Semicon Device LB1821 Datasheet HTML 15Page - Sanyo Semicon Device LB1821 Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
No. 5686-13/16
LB1821M
Continued from preceding page.
Pin No.
Pin
Functions
Equivalent circuit
11
N2
Speed discriminator count switching
Low: 0 to 1.5 V
High: 4.0 V to VCC
An open state functions as a high-level input.
The hysteresis is about 0.45 V.
12
FGSOUT
FG amplifier output (after the Schmitt circuit)
This is an open collector output.
13
FGOUT
FG amplifier output
This pin is connected to the FG Schmitt comparator circuit
internally in the IC.
14
FGIN–
FG amplifier inverting input
15
FGIN+
FG amplifier noninverting input (1/2 VCC potential)
An initial reset is applied to the logic circuit block by
connecting an external capacitor (of about 0.1 µF) between
the FGIN+ pin and ground.
16 to 18
38 to 40
GND
Ground connections
These pins are all connected internally to the frame.
Continued on next page.
FG Schmitt comparator
FG reset circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com