Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1821 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1821
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1821 Datasheet HTML 1Page - Sanyo Semicon Device LB1821 Datasheet HTML 2Page - Sanyo Semicon Device LB1821 Datasheet HTML 3Page - Sanyo Semicon Device LB1821 Datasheet HTML 4Page - Sanyo Semicon Device LB1821 Datasheet HTML 5Page - Sanyo Semicon Device LB1821 Datasheet HTML 6Page - Sanyo Semicon Device LB1821 Datasheet HTML 7Page - Sanyo Semicon Device LB1821 Datasheet HTML 8Page - Sanyo Semicon Device LB1821 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
No. 5686-2/16
LB1821M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
ICC1
42
60
mA
Current drain
ICC2
In stop mode
10
20
mA
ICC3
VCC = 5 V
38
55
mA
ICC4
VCC = 5 V, In stop mode
8
18
mA
Output saturation voltage
VO (sat)
UL, VL, WL output, IO = 20 mA
0.2
0.7
V
Output current
IO
UH, VH, WH output, VOUT = 1.4 V
–20
–16
–12
mA
Output leakage current
IO leak
UL, VL, WL output
100
µA
Output off voltage
VO off
UH, Vh, WH output
0.5
V
[Hall Amplifier]
Input bias current
IHB(HA)
–4
–1
µA
Common-mode input voltage range
VICM
1.5
VCC – 1.5
V
Hall input sensitivity
∆VIN(HA)
60
mVp-p
Hysteresis
∆VIN(HA)
17
32
60
mV
Input voltage low
→ high
VSLH
8
16
30
mV
Input voltage high
→ low
VSHL
–30
–16
–8
mV
[RC Oscillator]
Output high-level voltage
VOH(CR)1
3.1
3.4
3.7
V
VOH(CR)2 VCC = 5 V
2.4
2.7
3.0
V
Output low-level voltage
VOL(CR)1
1.5
1.8
2.1
V
VOL(CR)2 VCC = 5 V
1.1
1.4
1.7
V
Oscillator frequency
f (CR)
R = 75 k
Ω, C = 1500 pF
19
kHz
Amplitude
V(CR)1
1.4
1.6
1.8
Vp-p
V(CR)2
VCC = 5 V
1.1
1.3
1.5
Vp-p
[CROCK Oscillator]
Output high-level voltage
VOH(RK)1
3.2
3.5
3.8
V
VOH(RK)2 VCC = 5 V
2.5
2.8
3.1
V
Output low-level voltage
VOL(RK)1
0.8
1.1
1.4
V
VOL(RK)2 VCC = 5 V
0.6
0.9
1.2
V
External capacitor charge current
ICHG1
–17
–13
–9
µA
External capacitor discharge current
ICHG2
9
13
17
µA
Oscillator frequency
f (RK)
C = 0.068 µF
35
Hz
Amplitude
V(RK)1
2.2
2.4
2.6
Vp-p
V(RK)2
VCC = 5 V
1.7
1.9
2.1
Vp-p
Electrical Characteristics at Ta = 25°C, VCC = 6.3 V
Continued on next page.
Ambient temperature, Ta – °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com