Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1821 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1821
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1821 Datasheet HTML 1Page - Sanyo Semicon Device LB1821 Datasheet HTML 2Page - Sanyo Semicon Device LB1821 Datasheet HTML 3Page - Sanyo Semicon Device LB1821 Datasheet HTML 4Page - Sanyo Semicon Device LB1821 Datasheet HTML 5Page - Sanyo Semicon Device LB1821 Datasheet HTML 6Page - Sanyo Semicon Device LB1821 Datasheet HTML 7Page - Sanyo Semicon Device LB1821 Datasheet HTML 8Page - Sanyo Semicon Device LB1821 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
No. 5686-3/16
LB1821M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[VCO Oscillator]
Pin C output high-level voltage
VOH(C)1
4.1
4.3
4.6
V
VOH(C)2
VCC = 5 V
3.2
3.4
3.6
V
Pin C output low-level voltage
VOL(C)1
3.6
3.9
4.1
V
VOL(C)2
VCC = 5 V
2.8
3.0
3.2
V
Oscillator frequency
f (C)
1.0
MHz
Amplitude
V(C)
0.2
0.4
0.6
Vp-p
[Current Limiter Operation]
Limiter
VRF
0.47
0.52
0.57
V
[Thermal Shutdown Operation]
Thermal shutdown operating temperature
TSD
Design target value
150
180
°C
Hysteresis
∆TSD
Design target value
30
°C
VREG pin voltage
VREG
6.6
7.0
7.3
V
[FG Amplifier]
Input offset voltage
VIO(FG)
–10
+10
mV
Input bias current
IB(FG)
–1
+1
µA
Output high-level voltage
VOH(FG)
VCC – 1.5
VCC – 1
V
Output low-level voltage
VOL(FG)
1
1.5
V
FG input sensitivity
Gain: 100
×
3
mV
Schmitt amplitude for the next stage
100
180
250
mV
Operating frequency range
16
kHz
Open-loop gain
f (FG) = 2 kHz
45
51
dB
[FGS Output]
Output saturation voltage
VO(FGS)
IO(FGS) = 2 mA
0.1
0.5
V
Output leakage current
IL(FGS)
VO = VCC
10
µA
[Speed Discriminator Output]
Output high-level voltage
VOH(D)
VCC – 1.0
VCC – 0.7
V
Output low-level voltage
VOL(D)
0.4
1.1
V
[Speed Control PLL Output]
Output high-level voltage
VOH(P)1
4.05
4.35
4.65
V
VOH(P)2
VCC = 5 V
3.25
3.55
3.83
V
Output low-level voltage
VOL(P)1
1.85
2.15
2.45
V
VOL(P)2
VCC = 5 V
1.25
1.55
1.85
V
[VCO PLL Output]
Output high-level voltage
VOH(VCO)
5.3
5.6
V
Output low-level voltage
VOL(VCO)
0.4
11
V
[Lock Detection]
Output saturation voltage
VOL(LD)
ILD = 10 mA
0.1
0.5
V
Output leakage current
IL(LD)
VO = VCC
10
µA
Lock range
–6.25
+6.25
%
[Integrator]
Input offset voltage
VIO(INT)
–10
10
mV
Input bias current
IB(INT)
–0.4
+0.4
µA
Output high-level voltage
VOH(INT)
VCC – 1.2
VCC – 0.8
V
Output low-level voltage
VOL(INT)
0.8
1.2
V
Open-loop gain
60
dB
Input bias current
1.6
MHz
Gain-bandwidth product
Reference voltage
VB(INT)
–5%
VCC/2
5%
V
[Filter Amplifier]
Input bias current
IB(FIL)
–0.4
+0.4
µA
Output high-level voltage
VOH(FIL)
VCC – 1.2
VCC – 0.8
V
Output low-level voltage
VOL(FIL)
0.8
1.2
V
Reference voltage
VB(FIL)1
–5%
2.0
5%
V
VB(FIL)2
VCC = 5 V
1.5
1.6
1.7
V
Continued from preceding page.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com