Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1821 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1821
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1821 Datasheet HTML 1Page - Sanyo Semicon Device LB1821 Datasheet HTML 2Page - Sanyo Semicon Device LB1821 Datasheet HTML 3Page - Sanyo Semicon Device LB1821 Datasheet HTML 4Page - Sanyo Semicon Device LB1821 Datasheet HTML 5Page - Sanyo Semicon Device LB1821 Datasheet HTML 6Page - Sanyo Semicon Device LB1821 Datasheet HTML 7Page - Sanyo Semicon Device LB1821 Datasheet HTML 8Page - Sanyo Semicon Device LB1821 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
No. 5686-4/16
LB1821M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[S/S Pin]
Output high-level voltage
VOH(S/S)
4.0
VCC
V
Output low-level voltage
VOL(S/S)
0
1.5
V
Hysteresis
∆VIN(S/S)1
0.35
0.45
0.55
V
∆VIN(S/S)2 VCC = 5 V
0.24
0.34
0.44
V
Pull-up resistance
RU(S/S)
45
63
85
k
Ω
[F/R Pin]
Input high-level voltage
VIH(F/R)
4.0
VCC
V
Input low-level voltage
VIL(F/R)
0
1.5
V
Hysteresis
∆VIN(F/R)1
0.35
0.45
0.55
V
∆VIN(F/R)2 VCC = 5 V
0.24
0.34
0.44
V
Pull-up resistance
RU(F/R)
45
63
85
k
Ω
[BR Pin]
Input high-level voltage
VIH(BR)
4.0
VCC
V
Input low-level voltage
VIL(BR)
0
1.5
V
Hysteresis
∆VIN(BR)1
0.35
0.45
0.55
V
∆VIN(BR)2 VCC = 5 V
0.24
0.34
0.44
V
Pull-up resistance
RU(BR)
45
63
85
k
Ω
[CLK Pin]
Input high-level voltage
VIH(CLK)
Design target value
4.0
VCC
V
Input low-level voltage
VIL(CLK)
Design target value
0
1.5
V
Hysteresis
∆VIN(CLK)1 Design target value
0.35
0.45
0.55
V
∆VIN(CLK)2 VCC = 5 V, Design target value
0.24
0.34
0.44
V
Pull-up resistance
RU(CLK)
45
63
85
k
Ω
Input frequency
f (CLK)
[N1 Pin]
Input high-level voltage
VIH(N1)
4.0
VCC
V
Input low-level voltage
VIL(N1)
0
1.5
V
Hysteresis
∆VIN(N1)1
0.35
0.45
0.55
V
∆VIN(N1)2 VCC = 5 V
0.24
0.34
0.44
V
Pull-up resistance
RU(N1)
45
63
85
k
Ω
[N2 Pin]
Input high-level voltage
VIH(N2)
4.0
VCC
V
Input low-level voltage
VIL(N2)
0
1.5
V
Hysteresis
∆VIN(N2)1
0.35
0.45
0.55
V
∆VIN(N2)2 VCC = 5 V
0.24
0.34
0.44
V
Pull-up resistance
RU(N2)
45
63
85
k
Ω
[Low Voltage Protection]
Operating voltage
VSDL
3.75
V
Release voltage
VSDH
4.0
V
Hysteresis
∆VSD
0.15
0.25
0.35
V
Continued from preceding page.
Speed Discriminator Counts
N1
N2
Number of counts
High or open
High or open
64
High or open
L
256
L
High or open
128
L
L
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com