Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1821 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LB1821
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LB1821 Datasheet HTML 8Page - Sanyo Semicon Device LB1821 Datasheet HTML 9Page - Sanyo Semicon Device LB1821 Datasheet HTML 10Page - Sanyo Semicon Device LB1821 Datasheet HTML 11Page - Sanyo Semicon Device LB1821 Datasheet HTML 12Page - Sanyo Semicon Device LB1821 Datasheet HTML 13Page - Sanyo Semicon Device LB1821 Datasheet HTML 14Page - Sanyo Semicon Device LB1821 Datasheet HTML 15Page - Sanyo Semicon Device LB1821 Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
No. 5686-14/16
LB1821M
Continued from preceding page.
Pin No.
Pin
Functions
Equivalent circuit
19
20
21
22
23
24
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
Hall inputs
High is defined as IN+ > IN–, and low as the opposite.
An amplitude of 100 mV p-p (differential) or more is
desirable in the Hall signals. Connect capacitors between
the IN+ and IN– pins if noise on the Hall signals causes
problems.
25
RF
Output current detection
Connect a resistor between this pin and ground.
The output limitation maximum current, IOUT, is set to be
0.52/Rf by this resistor.
26
28
30
UL
VL
WL
This IC implements duty control using output signal PWM.
These are open collector sink outputs.
27
29
31
UH
VH
WH
Outputs (Fixed current source outputs)
32
VCC
Power-supply voltage
Connect a capacitor between this pin and ground for power
supply stabilization.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com