Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8231ACPZ-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8231ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8231
Rev. A | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
Parameter
Rating
Table 5.
Supply Voltage
6 V
Thermal Pad
θ
Unit
JA
Output Short-Circuit Current
Indefinite1
Soldered to Board
54
°C/W
Input Voltage (Common-Mode)
−VS − 0.3 V to +VS + 0.3 V
Not Soldered to Board
96
°C/W
Differential Input Voltage
−VS − 0.3 V to +VS + 0.3 V
The θ values in Table 5
Storage Temperature Range
–65°C to +150°C
JA
assume a 4-layer JEDEC standard
board. If the thermal pad is soldered to the board, it is
also assumed it is connected to a plane. θ
Operational Temperature Range
–40°C to +125°C
Package Glass Transition Temperature
130°C
JC
at the exposed pad
is 6.3°C/W.
ESD (Human Body Model)
1.5 kV
MAXIMUM POWER DISSIPATION
ESD (Charged Device Model)
1.5 kV
ESD (Machine Model)
0.2 kV
The maximum safe power dissipation for the AD8231 is limited
by the associated rise in junction temperature (T
1 For junction temperatures between 105°C and 130°C, short-circuit operation
beyond 1000 hours can impact part reliability.
J
) on the die. At
approximately 130°C, which is the glass transition temperature,
the plastic changes its properties. Even temporarily exceeding
this temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric perform-
ance of the amplifiers. Exceeding a temperature of 130°C for an
extended period can result in a loss of functionality.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com