Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8231ACPZ-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8231ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8231
Rev. A | Page 21 of 24
APPLICATIONS INFORMATION
The outputs of both the AD8231 in-amp and op amp are high
impedance in the shutdown state. This feature allows several
AD8231s to be multiplexed together without any external
switches.
DIFFERENTIAL OUTPUT
Figure 53 shows how to create a differential output in-amp
using the AD8231 uncommitted op amp. Because this
configuration makes use of the reference terminal of the
in-amp, errors from the op amp and resistor mismatch result in
common-mode errors, rather than differential errors. Because
common-mode errors are typically rejected by the next device
in the signal chain, this circuit configuration adds almost no
extra error.
Figure 54 shows an example of such a configuration.
All the outputs are connected together and only one amplifier is
turned on at a time. This feature is analogous to the high-Z
mode of the digital tristate logic.
The resistors in the AD8231 instrumentation amplifier create a
resistive path from the output to the reference pin of about
100 kΩ. If a higher output impedance in shutdown mode is
desired, the reference pin can be driven with the op amp of
the AD8231. In this configuration, the output impedance in
shutdown is several GΩ, and many thousand AD8231s can
theoretically be multiplexed in such a way.
+IN
–IN
IN-AMP
VREF
4.99kΩ
+
–
OP AMP
+OUT
–OUT
4.99kΩ
REF
9
10
76
8
3
2
The AD8231 can enter and leave shutdown mode very quickly.
However, when the amplifier wakes up and reconnects its input
circuitry, the voltage at its internal input nodes changes dramati-
cally. It takes time for the output of the amplifier to settle. Refer
to Figure 28 through Figure 32 to determine the settling time
for different gains. This settling time limits how quickly the
AD8231 can be multiplexed with the
Figure 53. Differential Output Using Operational Amplifier
MULTIPLEXING
SDN0
SDN1
SDN2
SDN3
Figure 54. Four AD8231s in Multiplexing Configuration
SDN pin.
USING THE AD8231 WITH BIPOLAR SUPPLIES
The AD8231 can be used with bipolar supplies as long as the
maximum voltage drop between the supply rails is kept below
6 V and all input voltages are kept within the supply rails.
With bipolar supplies, the acceptable levels for the digital inputs
A0, A1, A2, CS, and SDN shift. Table 9 shows acceptable values
for low and high signals for both single and dual supplies.
Table 9. Digital Pin Thresholds
Low
High
Supply Voltage (V)
Min (V)
Max (V)
Min (V)
Max (V)
0 to 5
0
+1
4
5
0 to 3
0
+0.8
2.2
3
−2.5 to +2.5
−2.5
−1.5
1.5
2.5
−1.5 to +1.5
−1.5
−0.7
0.7
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com