Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8231ACPZ-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8231ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8231
Rev. A | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
INSTRUMENTATION AMPLIFIER PERFORMANCE CURVES
1000
0
200
400
600
800
–100 –80
–60
–40
–20
0
20
40
60
80
100
CMRR (µV/V)
N: 5956
MEAN: 0.977167
SD: 11.8177
1400
1200
1000
800
600
400
200
0
–500 –400 –300 –200 –100
0
100
200
300
400
500
GAIN ERROR (µV/V)
N: 5956
MEAN: –48.0779
SD: 21.0433
Figure 3. Instrumentation Amplifier CMR Distribution, G = 1
Figure 6. Instrumentation Amplifier Gain Distribution, G = 1
9
8
7
6
5
4
3
2
1
0
–50
–40
–30
–20
–10
0
10
20
30
40
50
INPUT OFFSET DRIFT (nV/°C)
N: 40
MEAN: –8.31
SD: 6
800
700
600
500
400
300
200
100
0
–15
–10
–5
0
5
10
15
VOSI (µV)
N: 5956
MEAN: 2.06788
SD: 1.07546
Figure 7. Instrumentation Amplifier Input Offset Voltage Drift,
−40°C to +125°C
Figure 4. Instrumentation Amplifier Input Offset Voltage Distribution
16
14
12
10
8
6
4
2
0
–0.5 –0.4 –0.3 –0.2 –0.1
0
0.1
0.2
0.3
0.4
0.5
OUTPUT OFFSET DRIFT (µV/°C)
N: 40
MEAN: –0.003
SD: 0.061
800
700
600
500
400
300
200
100
0
–30
–20
–10
0
10
20
30
VOSO (µV)
N: 5956
MEAN: 10.3901
SD: 3.9553
Figure 8. Instrumentation Amplifier Output Offset Drift, −40°C to +125°C
Figure 5. Instrumentation Amplifier Output Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com