Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8231ACPZ-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8231ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8231
Rev. A | Page 15 of 24
OPERATIONAL AMPLIFIER PERFORMANCE CURVES
100
80
60
40
20
0
–20
–90
–100
–110
–120
–130
–140
–150
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
RL = 10kΩ
CL = 200pF
76° PHASE
MARGIN
NO
LOAD
300pF
800pF
1nF
1.5nF
5µs/DIV
20mV/DIV
Figure 38. Operational Amplifier Small Signal Response for
Various Capacitive Loads, V
Figure 35. Operational Amplifier Open-Loop Gain and Phase vs.
Frequency, V = 5 V
= 3 V
S
S
100
80
60
40
20
0
–20
–90
–100
–110
–120
–130
–140
–150
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
RL = 10kΩ
CL = 200pF
72° PHASE
MARGIN
NO
LOAD
1nF║2kΩ
1.5nF║2kΩ
TIME (5µs/DIV)
Figure 36. Operational Amplifier Open-Loop Gain and Phase vs.
Frequency, V
Figure 39. Operational Amplifier Large Signal Transient Response, VS = 5 V
= 3 V
S
NO
LOAD
1nF║2kΩ
1.5nF║2kΩ
TIME (5µs/DIV)
NO
LOAD
800pF
1nF
1.5nF
2nF
5µs/DIV
20mV/DIV
Figure 40. Operational Amplifier Large Signal Transient Response, V
Figure 37. Operational Amplifier Small Signal Response for
Various Capacitive Loads, V
S
= 3 V
= 5 V
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com