Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8231ACPZ-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8231ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8231
Rev. A | Page 19 of 24
THERMOCOUPLE
+VS
REF
–VS
AD8231
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8231
TRANSFORMER
+VS
REF
–VS
AD8231
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8231
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8231
TRANSFORMER
+VS
REF
–VS
AD8231
CORRECT
LAYOUT
The AD8231 is a high precision device. To ensure optimum
performance at the PCB level, care must be taken in the design
of the board layout. The AD8231 pinout is arranged in a logical
manner to aid in this task.
Power Supplies
The AD8231 should be decoupled with a 0.1 μF bypass capacitor
between the two supplies. This capacitor should be placed as close
as possible to Pin 11 and Pin 12, either directly next to the pins or
beneath the pins on the backside of the board. The auto-zero
architecture of the AD8231 requires a low ac impedance between
the supplies. Long trace lengths to the bypass capacitor increase
this impedance, which results in a larger input offset voltage.
A stable dc voltage should be used to power the instrumentation
amplifier. Noise on the supply pins can adversely affect
performance.
Package Considerations
The AD8231 comes in a 4 mm × 4 mm LFCSP. Beware of
blindly copying the footprint from another 4 mm × 4 mm
LFCSP part; it cannot have the same thermal pad size and leads.
Refer to the Outline Dimensions section to verify that
the PCB symbol has the correct dimensions. Space between
the leads and thermal pad should be kept as wide as possible
for the best bias current performance.
Thermal Pad
The AD8231 4 mm × 4 mm LFCSP comes with a thermal pad.
This pad is connected internally to −VS. The pad can either be
left unconnected or connected to the negative supply rail. For
high vibration applications, a landing is recommended.
Figure 51. Creating an I
Path
BIAS
INPUT PROTECTION
Because the AD8231 dissipates little power, heat dissipation
is rarely an issue. If improved heat dissipation is desired (for
example, when ambient temperatures are near 125°C or when
driving heavy loads), connect the thermal pad to the negative
supply rail. For the best heat dissipation performance, the
negative supply rail should be a plane in the board. See the
All terminals of the AD8231 are protected against ESD. In
addition, the input structure allows for dc overload conditions
a diode drop above the positive supply and a diode drop below
the negative supply. Voltages beyond these limits cause the ESD
diodes to conduct and current to flow. If overvoltage events are
anticipated, an external resistor should be used in series with
each of the inputs to limit the current to below 10 mA. Currents
up to 100 mA can be sustained for a few seconds.
Thermal Resistance section for thermal coefficients with and
without the pad soldered.
INPUT BIAS CURRENT RETURN PATH
Note that if either input is brought below the negative supply
to the point where the ESD diode turns on, the AD8231 output
can phase-reverse.
The input bias current of the AD8231 must have a return path
to common. When the source, such as a thermocouple, cannot
provide a return current path, one should be created, as shown
in Figure 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com