Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8231ACPZ-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8231ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Zero Drift, Digitally Programmable
Instrumentation Amplifier
AD8231
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Digitally/pin-programmable gain
G = 1, 2, 4, 8, 16, 32, 64, or 128
Specified from −40°C to +125°C
50 nV/°C maximum input offset drift
10 ppm/°C maximum gain drift
Excellent dc performance
80 dB minimum CMR, G = 1
15 μV maximum input offset voltage
500 pA maximum bias current
0.7 μV p-p noise (0.1 Hz to 10 Hz)
Good ac performance
2.7 MHz bandwidth, G = 1
1.1 V/μs slew rate
Rail-to-rail output
Shutdown/multiplex
Extra op amp
Single-supply range: 3 V to 6 V
Dual-supply range: ±1.5 V to ±3 V
APPLICATIONS
Pressure and strain transducers
Thermocouples and RTDs
Programmable instrumentation
Industrial controls
Weigh scales
FUNCTIONAL BLOCK DIAGRAM
IN-AMP
LOGIC
NC
1
–INA
2
+INA
3
NC
4
+VS
12
–VS
11
OUTA
10
REF
9
OP
AMP
AD8231
Figure 1.
Table 1. Instrumentation and Difference Amplifiers by
Category
High
Performance
Low
Cost
High
Voltage
Mil
Grade
Low
Power
Digital
Gain
AD8221
AD6231
AD628
AD620
AD6271
AD82311
AD82201
AD85531
AD629
AD621
AD8250
AD8222
AD524
AD8251
AD82241
AD526
AD85551
AD624
AD85561
AD85571
1 Rail-to-rail output.
GENERAL DESCRIPTION
The AD8231 is a low drift, rail-to-rail, instrumentation amplifier
with software-programmable gains of 1, 2, 4, 8, 16, 32, 64, or 128.
The gains are programmed via digital logic or pin strapping.
The AD8231 is ideal for applications that require precision
performance over a wide temperature range, such as industrial
temperature sensing and data logging. Because the gain setting
resistors are internal, maximum gain drift is only 10 ppm/°C for
gains of 1 to 32. Because of the auto-zero input stage, maximum
input offset is 15 μV and maximum input offset drift is just
50 nV/°C. CMRR is 80 dB for G = 1, increasing to 110 dB at
higher gains.
The AD8231 also includes an uncommitted op amp that can be
used for additional gain, differential signal driving, or filtering.
Like the in-amp, the op amp has an auto-zero architecture, rail-
to-rail input, and rail-to-rail output.
The AD8231 includes a shutdown feature that reduces current
to a maximum of 1 μA. In shutdown, both amplifiers also have
a high output impedance, which allows easy multiplexing of
multiple amplifiers without additional switches.
The AD8231 is specified over the extended industrial tempera-
ture range of −40°C to +125°C. It is available in a 4 mm × 4 mm
16-lead LFCSP.


Similar Part No. - AD8231ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8231ACPZ-R7 AD-AD8231ACPZ-R7 Datasheet
630Kb / 20P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231ACPZ-R7 AD-AD8231ACPZ-R7 Datasheet
668Kb / 25P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. C
AD8231ACPZ-R7 AD-AD8231ACPZ-R7 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results

Similar Description - AD8231ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8555 AD-AD8555 Datasheet
503Kb / 28P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
4/04-Revision 0
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_07 Datasheet
137Kb / 8P
Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
AD8231 AD-AD8231 Datasheet
630Kb / 20P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
logo
National Semiconductor ...
LMP8358 NSC-LMP8358 Datasheet
1,015Kb / 32P
Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
Analog Devices
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8555 AD-AD8555_15 Datasheet
616Kb / 28P
Zero-Drift, Digitally Programmable
Rev. A
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. C
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com