Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8308 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 2
Freescale Semiconductor
37
PCI Express
D+/D- TX output rise/fall
time
TTX-RISE,
TTX-FALL
—
0.125
—
—
UI
2, 5
RMS AC peak common
mode output voltage
VTX-CM-ACp
VPEACPCMTX =
RMS(|VTXD+ + VTXD-|/2 -
VTX-CM-DC)
VTX-CM-DC = DC(avg) of
|VTX-D+ + VTX-D-|/2
——
20
mV
2
Absolute delta of DC
common mode voltage
during L0 and electrical
idle
VTX-CM-DC-
ACTIVE-
IDLE-DELTA
|VTX-CM-DC (during L0) -
VTX-CM-Idle-DC (During
Electrical Idle)|<=100 mV
VTX-CM-DC = DC(avg) of
|VTX-D+ + VTX-D-|/2 [L0]
VTX-CM-Idle-DC = DC(avg) of
|VTX-D+ + VTX-D-|/2
[Electrical Idle]
0—
100
mV
2
Absolute delta of DC
common mode between
D+ and D–
VTX-CM-DC-LINE-
DELTA
|VTX-CM-DC-D+ -
VTX-CM-DC-D-| <= 25 mV
VTX-CM-DC-D+ = DC(avg) of
|VTX-D+|
VTX-CM-DC-D- = DC(avg) of
|VTX-D-|
0—
25
mV
2
Electrical idle differential
peak output voltage
VTX-IDLE-DIFFp VPEEIDPTX = |VTX-IDLE-D+
-VTX-IDLE-D-| <= 20 mV
0—
20
mV
2
Amount of voltage change
allowed during receiver
detection
VTX-RCV-DETECT The total amount of
voltage change that a
transmitter can apply to
sense whether a low
impedance Receiver is
present.
—600
—
mV
6
TX DC common mode
voltage
VTX-DC-CM
The allowed DC Common
Mode voltage under any
conditions.
—3.6
—
V
6
TX short circuit current
limit
ITX-SHORT
The total current the
Transmitter can provide
when shorted to its ground
——
90
mA
—
Minimum time spent in
electrical idle
TTX-IDLE-MIN
Minimum time a
Transmitter must be in
Electrical Idle Utilized by
the Receiver to start
looking for an Electrical
Idle Exit after successfully
receiving an Electrical Idle
ordered set
50
——UI
—
Table 34. Differential Transmitter (TX) Output Specifications (continued)
Parameter
Symbol
Comments
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com