Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC8308 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 2
80
Freescale Semiconductor
Thermal
22 Thermal
This section describes the thermal specifications of the device.
22.1
Thermal Characteristics
Table 59 provides the package thermal characteristics for the 473, 19
× 19 mm MAPBGA.
10
0010
1
2.5:1
8
00
0011
03:1
2
01
0011
03:1
4
10
0011
03:1
8
Note:
1 For any core_clk:csb_clk ratios, the core_clk must not exceed its maximum operating frequency of 400 MHz.
2 Core VCO frequency = core frequency × VCO divider. Note that VCO divider has to be set properly so that the
core VCO frequency is in the range of 400–800 MHz.
Table 59. Package Thermal Characteristics for MAPBGA
Characteristic
Board Type
Symbol
Value
Unit
Notes
Junction to Ambient Natural Convection
Single layer board (1s)
RθJA
42
°C/W
1,2
Junction to Ambient Natural Convection
Four layer board (2s2p)
RθJA
27
°C/W
1,2,3
Junction to Ambient (@200 ft/min)
Single layer board (1s)
RθJMA
35
°C/W
1,3
Junction to Ambient (@200 ft/min)
Four layer board (2s2p)
RθJMA
24
°C/W
1,3
Junction to Board
—
RθJB
17
°C/W
4
Junction to Case
—
RθJC
9°C/W
5
Junction to Package Top
Natural Convection
Ψ
JT
2°C/W
6
Table 58. e300 Core PLL Configuration (continued)
RCWL[COREPLL]
core_clk: csb_clk Ratio1
VCO Divider (VCOD)2
0–1
2–5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com