Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8308 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 2
Freescale Semiconductor
53
Enhanced Secure Digital Host Controller (eSDHC)
13.3.1
High Speed Output Path (Write)
Figure 38 provides the data and command output timing diagram.
Figure 38. High Speed Output Path
13.3.2
High Speed Input Path (Read)
Figure 39 provides the data and command input timing diagram.
Figure 39. High Speed Input Path
Output Valid Time: tSHSKHOV
Output Hold Time: tSHSKHOX
tIH (2 ns)
tCLK_DELAY
Input at the
SD CLK at
Driving
Edge
Sampling
Edge
the Card Pin
SD Card Pins
tISU (6 ns)
tDATA_DELAY
tSHSCKL
tSHSCK (Clock Cycle)
SD CLK at the
MPC8308 Pin
Output from the
MPC8308 Pins
tCLK_DELAY
Output from the
SD CLK at
the Card Pin
SD Card Pins
tSHSIVKH
Driving
Edge
Sampling
Edge
tOH
tDATA_DELAY
tODLY
tSHSCK (Clock Cycle)
1/2 Cycle
tSHSIXKH
(MPC8308 Input
(MPC8308 Input
Input at the
MPC8308 Pins
SD CLK at the
MPC8308 Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com