Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC8308 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 90Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 88 / 90 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 2
88
Freescale Semiconductor
Document Revision History
25 Document Revision History
Table 63 provides a revision history for this hardware specification.
Table 63. Document Revision History
Revision
Date
Substantive Change(s)
Rev 2
02/2011
• Added NVDDJ to Note-7 in Table 1.
•In Table 2,
Added Note-2
Added NVDDJ to Note-3
Added “Extended Temperature range from -40 to 105
°C, in the last row of the table
Changed “characteristic name Junction temperature” to “Operating temperature range”
•In Table 4, Note-3, changed ambient temperature to junction temperature, TJ = 105° C
•In Table 18,
tDDKHCS changed from 3.15ns to 2.5ns
tDDKHMP and tDDKHME values updated
•In Figure 6, corrected tDDKHMP & tDDKHME waveform
•In Table 53,
Y23 Package Pin Number changed from NC to VDD signal group
TSEC2_CRS is muxed with GPIO[0], shown as TSEC2_CRS/ GPIO[0]
•In Table 58, note-1, core_clk maximum operating frequency 333 MHz replaced with 400 MHz
Rev 1
06/2010
• In Table 4, TA = 105 replaced with TJ = 105
•In Table 8, fSYS_CLK_IN (Max) = 66 replaced with 66.67 and tSYS_CLK_IN (Min) = 15.15 replaced
with 15
•In Table 53, TSEC1_TMR_RX_ESFD replaced with TSEC2_TMR_RX_ESFD
TSEC1_TMR_TX_ESFD replaced with TSEC2_TMR_TX_ESFD
TSEC0_TMR_RX_ESFD replaced with TSEC1_TMR_RX_ESFD
TSEC0_TMR_TX_ESFD replaced with TSEC1_TMR_TX_ESFD
•In Table 56, rows from 1000 to 1111 removed
•In Table 57, SPMF 5:1 Option 167 MHz added.
Rev 0
05/2010
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com