Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8308 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 2
70
Freescale Semiconductor
Package and Pin Listings
IIC_SDA2/CKSTOP_OUT
D10
I/O
NVDDA
2
IIC_SCL2/CKSTOP_IN
C10
I/O
NVDDA
2
Interrupts
IRQ[0]/MCP_IN
A17
I
NVDDB
—
IRQ[1]/MCP_OUT
F16
I/O
NVDDB
—
IRQ[2] /CKSTOP_OUT
B17
I/O
NVDDB
—
IRQ[3] /CKSTOP_IN
A18
I
NVDDB
—
JTAG
TCK
Y7
I
NVDDP_K
—
TDI
U9
I
NVDDP_K
4
TDO
AC5
O
NVDDP_K
3
TMS
AA6
I
NVDDP_K
4
TRST
V8
I
NVDDP_K
4
TEST
TEST_MODE
AC6
I
NVDDP_K
5
System Control
HRESET
AA9
I/O
NVDDP_K
1
PORESET
AA8
I
NVDDP_K
—
SRESET
AB7
I/O
NVDDP_K
—
Clocks
SYS_CLK_IN
AC8
I
NVDDP_K
—
RTC_PIT_CLOCK
AA23
I
NVDDJ
—
MISC
QUIESCE
AA7
O
NVDDP_K
—
THERM0
AC7
I
NVDDP_K
6
ETSEC1
TSEC1_COL
B20
I
NVDDC
—
TSEC1_CRS
B21
I
NVDDC
—
TSEC1_GTX_CLK
F18
O
NVDDC
3
TSEC1_RX_CLK
A22
I
NVDDC
—
TSEC1_RX_DV
D21
I
NVDDC
—
TSEC1_RXD[3]
C22
I
NVDDC
—
Table 53. MPC8308 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com