Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8308 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 2
78
Freescale Semiconductor
Clocking
Table 55 provides the operating frequencies for the device under recommended operating conditions
(Table 2).
21.2
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. Table 56 shows the multiplication factor
encodings for the system PLL.
As described in Section 21, “Clocking,” the LBCM, DDRCM, and SPMF parameters in the reset
configuration word low select the ratio between the primary clock input (SYS_CLK_IN) and the internal
Table 55. Operating Frequencies for MPC8308
Characteristic1
Maximum Operating Frequency
Unit
e300 core frequency (
core_clk)
400
MHz
Coherent system bus frequency (
csb_clk)
133
MHz
DDR2 memory bus frequency (MCK)2
133
MHz
Local bus frequency (LCLK
0)3
66
MHz
Notes:
1. The SYS_CLK_IN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen such that the resulting
csb_clk,
MCK, LCLK0, and
core_clk frequencies do not exceed their respective maximum or minimum operating frequencies.
2. The DDR data rate is 2x the DDR memory bus frequency.
3. The local bus frequency is 1/2, 1/4, or 1/8 of the
lbc_clk frequency (depending on LCCR[CLKDIV]) which is in turn, 1x or 2x
the
csb_clk frequency (depending on RCWL[LBCM]).
Table 56. System PLL Ratio
RCWL[SPMF]
csb_clk: SYS_CLK_IN
0000
Reserved
0001
Reserved
0010
2 : 1
0011
3 : 1
0100
4 : 1
0101
5 : 1
0110–1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com