Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1210 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXCD1210
Description  High performance analog input Class D modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCD1210 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXCD1210 Datasheet HTML 1Page - Diodes Incorporated ZXCD1210 Datasheet HTML 2Page - Diodes Incorporated ZXCD1210 Datasheet HTML 3Page - Diodes Incorporated ZXCD1210 Datasheet HTML 4Page - Diodes Incorporated ZXCD1210 Datasheet HTML 5Page - Diodes Incorporated ZXCD1210 Datasheet HTML 6Page - Diodes Incorporated ZXCD1210 Datasheet HTML 7Page - Diodes Incorporated ZXCD1210 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXCD1210
Issue 2 - October 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
Applications information
The high performance ZXCD1210 modulator IC forms the heart of the Zetex series of analog input
Class D amplifier reference designs. The modulator device provides complete control of the
modulation function.
Details of these reference designs are contained in individual data sheets: ZXCDSUBEV series,
ZXCD50STEVAL and ZXCD100MOEVAL as well as the ZXCD series design guide.
The ZXCDSUBEV series of reference circuits are specifically designed for subwoofer applications.
These switching amplifiers owe much of their outstanding audio performance to a unique
feedback architecture designed to reduce distortion. By taking its feedback signal from the filtered
amplifier output, the high gain circuit design compensates for bridge mismatches and filter non-
linearities, to achieve a reduction in THD+N across the entire power band.
ZXCDSUBEV series architecture
ZXCDSUBEV series THD+N versus power
PWM
output
Output
bridge
Filter
Audio
input
Gate
driver
+
-
DC
Servo
AC comp
network
Feedback circuits
Bridge
supply
Input
buffering
and bias
Mute
ZXCD1210
+
-
DC
Servo
AC comp
network
Feedback circuits
Mute
ZXCD1210
0.02
0.3
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.28
100m
500
200m
500m
1
2
5
10
20
50
100
200
Output Power (W)
0.02
0.3
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.28
100m
500
200m
500m
1
2
5
10
20
50
100
200
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com