Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1210 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXCD1210
Description  High performance analog input Class D modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCD1210 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXCD1210 Datasheet HTML 1Page - Diodes Incorporated ZXCD1210 Datasheet HTML 2Page - Diodes Incorporated ZXCD1210 Datasheet HTML 3Page - Diodes Incorporated ZXCD1210 Datasheet HTML 4Page - Diodes Incorporated ZXCD1210 Datasheet HTML 5Page - Diodes Incorporated ZXCD1210 Datasheet HTML 6Page - Diodes Incorporated ZXCD1210 Datasheet HTML 7Page - Diodes Incorporated ZXCD1210 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXCD1210
Issue 2 - October 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Functional description
On chip series regulators drop the external VCC supply (12V recommended) to the 9V and 5.5V
supplies required by the internal circuitry of the device.
The on chip oscillator produces a clock which is set to approximately 200kHz by an external
capacitor and an on chip resistor. The clock is set at least an order higher in frequency than the
audio input. This clock is a triangle waveform which is used to modulate the incident analogue
signal in order to produce the required PWM output.
With no audio input signal applied, the PWM duty cycle is nominally 50%. As the audio input
signal ascends towards the peak level, the crossing points with the (higher frequency) triangle
wave also ascend. The PWM output exhibits a corresponding increase in output duty cycle.
Similarly, as the audio input signal descends, the duty cycle is correspondingly reduced. Thus the
triangle modulates the audio input generating a pulse width modulated (PWM) output. This
principle is illustrated below.
The PWM outputs drive the speaker load with the audio information contained in the PWM signal,
via the off chip gate drivers, H bridge and single stage LC filter network.
The triangle amplitude is approximately 1V. The audio inputs are internally biased to a DC voltage
of approximately VCC/5. The mid point DC level of the modulation control is around 2V. The
triangular wave at the CK pin traverses between about 2.7V and 3.8V.
Audio
Triangle
PWM comparator
PWM output
Audio
Comparator O/P (duty cycle = 50%)
Comparator O/P (duty cycle = 75%)
Triangle
Output
Audio
Triangle
Output
Triangle input
Audio input
PWM output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com