Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1210 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXCD1210
Description  High performance analog input Class D modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCD1210 Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXCD1210 Datasheet HTML 1Page - Diodes Incorporated ZXCD1210 Datasheet HTML 2Page - Diodes Incorporated ZXCD1210 Datasheet HTML 3Page - Diodes Incorporated ZXCD1210 Datasheet HTML 4Page - Diodes Incorporated ZXCD1210 Datasheet HTML 5Page - Diodes Incorporated ZXCD1210 Datasheet HTML 6Page - Diodes Incorporated ZXCD1210 Datasheet HTML 7Page - Diodes Incorporated ZXCD1210 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXCD1210
Issue 2 - October 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
The closed loop Class D architecture maintains high efficiency ensuring cool running in the
smallest footprint whilst achieving much reduced output impedance for tight bass control.
Additionally the feedback architecture compensates for supply dips and the bridge design
accommodates high off load voltages. This means that use of a basic SMPS or an unregulated
supply is achievable without compromising performance.
The designs feature soft start controls and under voltage lockout controls to maintain anti-pop
behavior. Design options include short circuit, thermal and DC offset protection circuits. Volume
and phase controls and high/low pass filters are simply added to the input circuitry.
The scalable architecture of the ZXCDSUBEV series utilises all N-channel output stage with either
bridge tied load (BTL) or single ended (SE) configurations, together with power supply options to
generate 150W, 300W or 500W RMS into 4
designs from a single platform. Many more power
options readily produced.
The ZXCD50STEVAL stereo and ZXCD100MOEVAL mono reference designs have an open loop
architecture and feature output stages constructed using Zetex MOSFETs directly driven from the
ZXCD modulator device.
ZXCD50STEVAL THD+N versus output power
They offer 50W and 100W into 4
respectively with typical THD+N of 0.5% and 0.9% up to 90%
full power. Careful design has eliminated any potential crossover distortion artifacts. Frequency
response is flat to 20kHz in these designs, typical noise floor is -110dB. These designs feature anti-
pop and over current protection and operate simply from a single supply rail.
Alternative configurations of these designs are possible with multi-channel applications simply
created with a master slave arrangement. Single ended operation is possible with the associated
performance compromises.
For further information on the ZXCD series reference designs, contact your local Zetex supplier
with details of your production project requirements.
0.2
2.4
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
30m
50
50m
100m
200m
500m
1
2
5
10
20
Output Power (W)
0.2
2.4
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
30m
50
50m
100m
200m
500m
1
2
5
10
20
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com