Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1210 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCD1210
Description  High performance analog input Class D modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCD1210 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCD1210 Datasheet HTML 1Page - Diodes Incorporated ZXCD1210 Datasheet HTML 2Page - Diodes Incorporated ZXCD1210 Datasheet HTML 3Page - Diodes Incorporated ZXCD1210 Datasheet HTML 4Page - Diodes Incorporated ZXCD1210 Datasheet HTML 5Page - Diodes Incorporated ZXCD1210 Datasheet HTML 6Page - Diodes Incorporated ZXCD1210 Datasheet HTML 7Page - Diodes Incorporated ZXCD1210 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 2 - October 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXCD1210
High performance analog input Class D modulator
Description
The ZXCD1210 provides complete control and
modulation functions at the heart of high
efficiency high performance Class D switching
audio amplifier solutions. In combination with
high performance output stages and open or
closed
loop
architectures,
the
ZXCD1210
provides a high performance audio amplifier
with all the inherent benefits of Class D.
The
ZXCD1210
solution
uses
proprietary
circuit design to realise the true benefits of
Class D without the traditional drawback of
poor distortion performance. The combination
of
reference
circuit
designs,
magnetic
component choice and layout are essential to
realising these benefits.
Features
•
Output power 50W to 500W into 4
•
THD+N <0.05%
•
Dynamic range 98dB
•
Open loop and closed loop reference designs
•
Frequency response
Subwoofers: ±0.5dB from 10Hz to 250Hz
Full band: ±0.5dB from 20Hz to 20kHz
•
200kHz PWM frequency
•
Output drive free of crossover artifacts
•
QFN16 4x4 package
The ZXCD1210 reference designs provide output
powers up to 500W RMS with typical distortion
and noise of less than 0.05% and a dynamic
range of 98dB. The closed loop designs ensure a
high damping factor and excellent supply
rejection. The open loop designs provide high
performance
in
the
most
economic
implementation.
The closed loop reference designs include
circuits specifically for subwoofer applications
featuring a flat frequency response up to 250Hz.
The open loop designs give the ZXCD1210 the
ability to produce amplifiers with full a 20kHz
bandwidth.
Applications
•
Subwoofers
•
Home theatre systems
•
Multimedia
•
Wireless speakers
•
Portable audio
This plot shows the
THD+N versus power
plot for a 500W closed
loop subwoofer
reference design.
THD+N is 0.02%
between 10W and
200W which is
outstanding
performance.
0.02
0.3
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.28
100m
500
200m
500m
1
2
5
10
20
50
100
200
Output power (W)


Similar Part No. - ZXCD1210

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCD1210JB16 DIODES-ZXCD1210JB16 Datasheet
242Kb / 8P
High performance analog input Class D modulator
OCTOBER 2007
ZXCD1210JB16TA DIODES-ZXCD1210JB16TA Datasheet
242Kb / 8P
High performance analog input Class D modulator
OCTOBER 2007
More results

Similar Description - ZXCD1210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU8753 ETC1-NJU8753 Datasheet
104Kb / 7P
Analog Signal Input Class D Amplifier
logo
Rohm
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
Analog Input Monaural Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
Analog Input Stereo Class-D Speaker Amplifier
BD5632NUX ROHM-BD5632NUX_10 Datasheet
400Kb / 15P
Analog Input Monaural Class-D Speaker Amplifiers
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
Analog Input Monaural Class-D Speaker Amplifier
logo
Diodes Incorporated
ZXCD1210JB16TA DIODES-ZXCD1210JB16TA Datasheet
242Kb / 8P
High performance analog input Class D modulator
OCTOBER 2007
logo
Rohm
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
Analog Input Monaural Class-D Speaker Amplifiers
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
Analog Input Monaural Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
Analog Input Stereo Class-D Speaker Amplifier
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier
April 22, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com